Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEB17NYS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB17NYS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB17NYS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEB17NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60120QEB17NYS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 11
Technical Specification
To increase the output voltage, the user should connect a resistor
between Pin 6 (TRIM) and Pin 7 (SENSE(+) input). For a desired
increase of the nominal output voltage, the value of the resistor
should be
Figure B graphs
the rela-
tionship between the trim resistor value, Rtrim-up and Rtrim-down,
showing the total range the output voltage can be trimmed up or
down.
Figure B: Trim Graph for 12Vout module
Note: The TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection
circuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally filtered to eliminate noise.
Limited 10% up-trim: This converter is capable of operating
for an indefinite period of time with the output trimmed up to 5%
above the nominal 12V output level*. It may also be trimmed
down by as much as 50% (to 6.0V) indefinitely.
This converter is also capable of being trimmed up by as much
as 10% (up to 13.2V) for shorter periods of time that are not a
significant fraction of the product lifetime. For example, in a test
situation, or for output voltage margining where it would remain
trimmed up between 5% and 10% of the nominal voltage for a
few hundred hours, but not for an indefinite period or the product
lifetime. The OVP trip point is set above this level, so it will not
shut down from output overvoltage protection when trimmed up
between 5% and 10%. Continuous operation of this converter
while trimmed up more than 5% could affect long term reliabil-
ity.
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed
to turn off when the input voltage is too low, helping to avoid
an input system instability problem, which is described in more
detail in the application note titled “Input System Instability” on
the SynQor website. The lockout circuitry is a comparator with
DC hysteresis. When the input voltage is rising, it must exceed the
typical “Turn-On Voltage Threshold” value* before the converter
will turn on. Once the converter is on, the input voltage must fall
below the typical Turn-Off Voltage Threshold value before the
converter will turn off.
Output Current Limit: If the output current exceeds the “Output
DC Current Limit Inception” point*, then a fast linear current limit
controller will reduce the output voltage to maintain a constant
output current. If as a result, the output voltage falls below the
“Output DC Current Limit Shutdown Voltage”* for more than
50ms, then the unit will enter into hiccup mode, with a 500ms
off-time. The unit will then automatically attempt to restart.
Back-Drive Current Limit: If there is negative output current
of a magnitude larger than the “Back-Drive Current Limit while
Enabled” specification*, then a fast back-drive limit controller will
increase the output voltage to maintain a constant output current.
If this results in the output voltage exceeding the “Output Over-
Voltage Protection” threshold*, then the unit will shut down. The
full I-V output characteristics can be seen in Figure 17.
Output Over-Voltage Limit: If the voltage directly across
the output pins exceeds the “Output Over-Voltage Protection”
threshold*, the converter will immediately stop switching. This
shutdown is latching; unlike other shutdown types, the converter
will not restart unless the input power is cycled or the ON/OFF
input is toggled.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The ther-
mal shutdown circuit is designed to turn the converter off when the
temperature at the sensed location reaches the “Over-Temperature
Shutdown” value*. It will allow the converter to turn on again
when the temperature of the sensed location falls by the amount of
the “Over-Temperature Shutdown Restart Hysteresis” value*.
* See Electrical Characteristics page.
0.1
1.0
10.0
100.0
1,000.0
10,000.0
100,000.0
1,000,000.0
0
5
10
15
20
25
30
35
40
45
50
% Increase in Vout
% Decrease in Vout
Rtrim-up
(kW)
)
where
VOUT = Nominal Output Voltage
=
(
_ 511 _ 10.22
5.11VOUT(100+D%)
1.225D%
D%


Similar Part No. - PQ60120QEB17NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB25NKS-G SYNQOR-PQ60120QEB25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NNS-G SYNQOR-PQ60120QEB25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NRS-G SYNQOR-PQ60120QEB25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NYS-G SYNQOR-PQ60120QEB25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25PKS-G SYNQOR-PQ60120QEB25PKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEB17NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com