Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEB25NYS-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB25NYS-G
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB25NYS-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEB25NYS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
25 A (300W)
Quarter-brick
Product # PQ60120QEA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QE612J Rev. B
03/24/09
Page 6
Technical Specification
80
85
90
95
100
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Load Current (A)
35Vin
48Vin
75Vin
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 2: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
Figure 3: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flow-
ing across the converter from pin 1 to pin 3 (nominal input voltage).
Figure 4: Thermal plot of converter at 24A load current (288W) with
55°C air flowing at the rate of 200 LFM. Air is flowing across the con-
verter sideways from pin 1 to pin 3 (nominal input voltage).
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flow-
ing lengthwise from input to output (nominal input voltage).
Figure 6: Thermal plot of converter at 23A load current (276W) with
55°C air flowing at the rate of 200 LFM. Air is flowing across the con-
verter from input to output (nominal input voltage).
Figures


Similar Part No. - PQ60120QEB25NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB17NKS SYNQOR-PQ60120QEB17NKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NNS SYNQOR-PQ60120QEB17NNS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NRS SYNQOR-PQ60120QEB17NRS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NYS SYNQOR-PQ60120QEB17NYS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17PKS SYNQOR-PQ60120QEB17PKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
More results

Similar Description - PQ60120QEB25NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com