Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHEMY1PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMY1PT
Description  Dual Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMY1PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHEMY1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMY1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMY1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHEMY1PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2412K CHARACTERISTICS
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
PARAMETERS
CONDITION
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
IE=0; VCB=60V
IC=0; VEB=7V
VCE=6V
IC=1mA
Collector-Emitter Saturation Voltage
IC=50mA; IB=5mA
IE=ie=0; VCB=12V;
f=1MHz
IC=2mA; VCE=12V;
f=100MHz
Output Collector Capacitance
Transition Frequency
SYMBOL
ICBO
ICEO
hFE
Cob
fT
VCEsat
MIN.
MAX.
TYPE
UNITS
-
0.1
uA
Volts
pF
MHz
-
-
0.1
-
120
560
-
-
0.4
-
-
3.5
2
-
-
180
Collector-base breakdown voltage
IC=50uA
BVCBO
-
-
-
-
-
-
Volts
Volts
Volts
Collector-emitter breakdown voltage
IC=1mA
Emitter-base breakdown voltage
BVCEO
IE=50uA
BVEBO
50
60
7
PNP Transistor 2SA1037K LIMITING VALUES
Note
2. Transistor mounted on ceramic substrate 50mmX50mmx0.8t.
MAXIMUM RATINGES ( At TA = 25 C unless otherwise noted )
RATINGS
CONDITION
Collector - Base Voltage
Collector - Emitter Voltage
Emitter - Base Voltage
Open Emitter
Open Base
Open Collector
Collector Current DC
Peak Collector Current
Peak Base Current
Total Power Dissipation
TA
25OC; Note 2
Storage Temperature
Junction Temperature
Operating Ambient Temperature
SYMBOL
VCBO
VCEO
VEBO
IBM
TAMB
TJ
TSTG
ICM
IC
MIN.
MAX.
UNITS
-
-60
Volts
Volts
Volts
mAmps
mAmps
mAmps
mW
oC
oC
oC
-
-50
-
-6
-
-150
-
-150
-
-15
-
150
-55
+150
-
+150
-55
+150
PTOT
2SA1037K CHARACTERISTICS
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
PARAMETERS
CONDITION
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
IE=0; VCB=-60V
IC=0; VEB=-6V
VCE=-6V
IC=-1mA
Collector-Emitter Saturation Voltage
IC=-50mA; IB=-5mA
IE=ie=0; VCB=-12V;
f=1MHz
IE=2mA; VCE=-12V;
f=100MHz
Output Collector Capacitance
Transition Frequency
SYMBOL
ICBO
IEBO
hFE
Cob
fT
VCEsat
MIN.
MAX.
TYPE
UNITS
-
-0.1
uA
Volts
pF
MHz
-
-
-0.1
-
120
560
-
-
-0.5
-
-
5.0
4
-
-
140
Collector-base breakdown voltage
IC=-50uA
BVCBO
-
-
-
-
-
-
Volts
Volts
Volts
Collector-emitter breakdown voltage
IC=-1mA
Emitter-base breakdown voltage
BVCEO
IE=-50uA
BVEBO
-50
-60
-6


Similar Part No. - CHEMY1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMA2PT CHENMKO-CHEMA2PT Datasheet
100Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA5PT CHENMKO-CHEMA5PT Datasheet
118Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHEMY1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMZ1PT CHENMKO-CHUMZ1PT Datasheet
223Kb / 4P
   Dual Silicon Transistor
CHEMX3PT CHENMKO-CHEMX3PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMX18PT CHENMKO-CHEMX18PT Datasheet
130Kb / 4P
   Dual Silicon Transistor
CHIMX2PT CHENMKO-CHIMX2PT Datasheet
143Kb / 3P
   Dual Silicon Transistor
CHEMX2PT CHENMKO-CHEMX2PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMT2PT CHENMKO-CHEMT2PT Datasheet
183Kb / 3P
   Dual Silicon Transistor
CHUMY1PT CHENMKO-CHUMY1PT Datasheet
227Kb / 4P
   Dual Silicon Transistor
CHEMT1PT CHENMKO-CHEMT1PT Datasheet
178Kb / 3P
   Dual Silicon Transistor
CHEMZ7PT CHENMKO-CHEMZ7PT Datasheet
176Kb / 6P
   Dual Silicon Transistor
CHUMT1PT CHENMKO-CHUMT1PT Datasheet
170Kb / 3P
   Dual Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com