Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHEMZ7PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMZ7PT
Description  Dual Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMZ7PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHEMZ7PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMZ7PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMZ7PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHEMZ7PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHEMZ7PT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd. CHEMZ7PT Datasheet HTML 6Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5585 CHARACTERISTICS
Tamb =25 °C unless otherwise speciÞed.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BVEBO
Collector-emitter breakdown voltage
12
V
Collector-base breakdown voltage
15
V
V
Emitter-base breakdown voltage
Collector cut-off current
100
nA
Emitter cut-off current
Collector-emitter saturation voltage
hFE
DC current gain
100
270
90
mV
Collector output capacitance
7.5
f T
Transition frequency
320
MHz
6
BVCBO
BVCEO
ICBO
IEBO
Cob
VCE(sat)
nA
680
pF
VCE=2V,IE=-10mA,f=100MHZ
VCB=10V,IE=0mA,f=1MHZ
IC=200mA,IB=10mA
VCE=2V,IC=10mA
VCB=15V
VEB=6V
IE=10uA
IC=10uA
IC=1mA
250
2SA2018 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
Collector-base voltage
-15
V
VCEO
-12
V
IC
-500
ICP
DC Output current
-1000
mA
P c
power dissipation
150
mW
TSTG
Storage temperature
−55
+150
OC
TJ
Junction temperature
150
OC
VEBO
Collector-emitter voltage
Emitter-base voltage
-6
V
NOTE.1
1. Single Pulse Pw=1ms
2SA2018 CHARACTERISTICS
Tamb =25 °C unless otherwise speciÞed.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BVEBO
Collector-emitter breakdown voltage
-12
V
Collector-base breakdown voltage
-15
V
V
Emitter-base breakdown voltage
Collector cut-off current
-100
nA
Emitter cut-off current
Collector-emitter saturation voltage
hFE
DC current gain
-100
270
-250
mV
Collector output capacitance
-100
6.5
f T
Transition frequency
260
MHz
-6
BVCBO
BVCEO
ICBO
IEBO
Cob
VCE(sat)
nA
680
pF
VCE=-2V,IE=10mA,f=100MHZ
VCB=-10V,IE=0mA,f=1MHZ
IC=-200mA,IB=-10mA
VCE=-2V,IC=-10mA
VCB=-15V
VEB=-6V
IE=-10uA
IC=-10uA
IC=-1mA


Similar Part No. - CHEMZ7PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMZ1PT CHENMKO-CHEMZ1PT Datasheet
233Kb / 4P
   Dual Silicon Transistor
CHEMZ2PT CHENMKO-CHEMZ2PT Datasheet
232Kb / 4P
   Dual Silicon Transistor
CHEMZ8PT CHENMKO-CHEMZ8PT Datasheet
201Kb / 5P
   Dual Silicon Transistor
More results

Similar Description - CHEMZ7PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMZ1PT CHENMKO-CHUMZ1PT Datasheet
223Kb / 4P
   Dual Silicon Transistor
CHEMX3PT CHENMKO-CHEMX3PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMX18PT CHENMKO-CHEMX18PT Datasheet
130Kb / 4P
   Dual Silicon Transistor
CHIMX2PT CHENMKO-CHIMX2PT Datasheet
143Kb / 3P
   Dual Silicon Transistor
CHEMX2PT CHENMKO-CHEMX2PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMY1PT CHENMKO-CHEMY1PT Datasheet
223Kb / 4P
   Dual Silicon Transistor
CHEMT2PT CHENMKO-CHEMT2PT Datasheet
183Kb / 3P
   Dual Silicon Transistor
CHUMY1PT CHENMKO-CHUMY1PT Datasheet
227Kb / 4P
   Dual Silicon Transistor
CHEMT1PT CHENMKO-CHEMT1PT Datasheet
178Kb / 3P
   Dual Silicon Transistor
CHUMT1PT CHENMKO-CHUMT1PT Datasheet
170Kb / 3P
   Dual Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com