Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHFMA3PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHFMA3PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHFMA3PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHFMA3PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHFMA3PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHFMA3PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CHFMA3PT
CHENMKO ENTERPRISE CO.,LTD
VOL TA GE 50 Vo l t s
CURRENT 100 m A m p er e
2004-04
CIRCUIT
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Coll ector -Base voltage
-50
V
-50
V
junction - soldering point
-5
IC(Max.)
Coll ector current
-100
mA
PD
Power dissipation
Tamb
≤ 25 OC, Note 1
300
mW
TSTG
Storage temperature
−55 ∼ +150
OC
TJ
R
θJ-S
Thermal resistance
Junction temperature
OC
140
OC/W
VCEO
Collector-Emitter voltage
VEBO
Emitter-Base voltage
−55 ∼ +150
V
, Note 1
APPLICATION
FEATURE
* High current gain.
* Suitable for high packing density.
* Switching circuit, Inverter, Interface circuit, Driver circuit.
* Low colloector-emitter saturation.
* High saturation current capability.
* Both the CHDTA143T in one package.
* Built in bias resistor(R1=4.7k
Ω, Typ. )
SURFACE MOUNT
Dual Digital Silicon Transistor
4
5
R1
R1
1
2
3
* Small surface mounting type. (SC-74A)
SC-74A
Dimensions in millimeters
SC-74A
0.935~1.3
0.08~0.2
0~0.15
2.6~3.0
0.3~0.6
0.95
0.95
1.7~2.1
2.7~3.1
0.25~0.5
1.4~1.8
(1)
(2)
(5)
(3)


Similar Part No. - CHFMA3PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHFMA10PT CHENMKO-CHFMA10PT Datasheet
115Kb / 3P
   Dual Digital Silicon Transistor
CHFMA11PT CHENMKO-CHFMA11PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
CHFMA2PT CHENMKO-CHFMA2PT Datasheet
92Kb / 3P
   Dual Digital Silicon Transistor
CHFMA4PT CHENMKO-CHFMA4PT Datasheet
106Kb / 3P
   Dual Digital Silicon Transistor
CHFMA5PT CHENMKO-CHFMA5PT Datasheet
112Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHFMA3PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com