Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60150EGL05NYS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60150EGL05NYS
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60150EGL05NYS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60150EGL05NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60150EGL05NYS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product # PQ60150EGL05
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG615D Rev. A
4/11/07
Page 11
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
15 V
15 V
5 A
5 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input
System Instability” is available on the SynQor website which
provides an understanding of why this instability arises, and
shows the preferred solution for correcting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E below
provides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current,
which otherwise could exceed the rating of an external elec-
trolytic input capacitor. The recommended external input capac-
itance is specified in the “Input Characteristics” section. More
detailed information is available in the application note titled
“EMI Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on the specifications page).
Electrolytic
Capacitor
47µF


Similar Part No. - PQ60150EGL05NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60150EGw05xy SYNQOR-PQ60150EGw05xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60150EGL05NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com