Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHFMA4PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHFMA4PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHFMA4PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHFMA4PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHFMA4PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHFMA4PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARACTERISTICS
RATING CHARACTERISTIC ( CHFMA4PT )
Tamb = 25 °C unless otherwise speciÞed.
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
V
VCE(sat)
Collector-Emitter Saturation voltage
IC= -10mA; IB= -1mA
BVCEO
Collector-Emitter breakdown voltage
SY MBOL
BVEBO
P
Emitter-Base breakdown voltage
ARAMETER
CONDITIONS
-50.0
MIN.
-5.0
TY P .
MAX.
UNIT
BVCBO
Collector-Base breakdown voltage
-0.3
IC= -50uA
-50.0
-0.5
IC= -1mA
uA
250
V
600
V
V
IE= -50uA
ICBO
Collector-Base current
VCB= -50V
IEBO
Emitter-Base current
R1
Input resistor
VEB= -4V
hFE
DC current gain
IC= -1mA; VCE= -5.0V
-0.5
100
13
7
K
10
uA
f T
Transition frequency
IE=5mA, VCE= -10.0V
f=100MHz
=
250
MHz


Similar Part No. - CHFMA4PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHFMA10PT CHENMKO-CHFMA10PT Datasheet
115Kb / 3P
   Dual Digital Silicon Transistor
CHFMA11PT CHENMKO-CHFMA11PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
CHFMA2PT CHENMKO-CHFMA2PT Datasheet
92Kb / 3P
   Dual Digital Silicon Transistor
CHFMA3PT CHENMKO-CHFMA3PT Datasheet
120Kb / 3P
   Dual Digital Silicon Transistor
CHFMA5PT CHENMKO-CHFMA5PT Datasheet
112Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHFMA4PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com