Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60240QGA05PRS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60240QGA05PRS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60240QGA05PRS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60240QGA05PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60240QGA05PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Input:
Output:
Current:
Package:
Technical Specification
35 - 75 V
24 V
5.0 A
Quarter-brick
Product # PQ60240QGA05
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2-QGA624D Rev. B 10/01/08
Page 4
ELECTRICALCHARACTERISTICS(Continued)
Parameter P
Min.
Typ.
Max.
Units Notes & Conditions
FEATURE CHARACTERISTICS
SwitchingFrequency
321
383
459
kHz
RegulationandIsolationstage
ON/OFFControl(OptionP)
Off-StateVoltage
-2
0.8
V
On-StateVoltage
2.4
18
V
ON/OFFControl(OptionN)
Off-StateVoltage
2.4
18
V
On-StateVoltage
-2
0.8
V
ON/OFFControl(EitherOption)
FiguresA&B
Pull-UpVoltage
Vin/6.5
9.2
V
PullUpResistance
40
kW
OutputVoltageTrimRange
-20
+10
%
MeasuredacrossPins8&4;seetrimsection
OutputVoltageRemoteSenseRange
+10
%
MeasuredacrossPins8&4
OutputOver-VoltageProtection
112
115
130
%
Overfulltemprange;%ofnominalVout
Over-TemperatureShutdown
125
°C
AveragePCBTemperature
Over-TemperatureShutdownRestartHysteresis
10
°C
RELIABILITY CHARACTERISTICS
CalculatedMTBF(Telcordia)
2.8
106Hrs. TR-NWT-000332;80%load,300LFM,40oCTa
CalculatedMTBF(MIL-217)
1.8
106Hrs. MIL-HDBK-217F;80%load,300LFM,40oCTa
FieldDemonstratedMTBF
106Hrs. Seewebsitefordetails
STANDARDSCOMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL60950-1
File#E194341,Basicinsulation&pollutiondegree2
EN60950-1
CertifiedbyTUV
72/23/EEC
93/68/EEC
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
GR-1089-CORE
Section7-electricalsafety,Section9-bonding/grounding
Telcordia(Bellcore)GR-513
•Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafety
certificatesonnewreleasesordownloadfromtheSynQorwebsite.
QUALIFICATIONTESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
LifeTest
32
95%ratedVinandload,unitsatderatingpoint,1000hours
Vibration
5
10-55Hzsweep,0.060”totalexcursion,1min./sweep,120sweepsfor3axes
MechanicalShock
5
100gminimum,2dropsinxandyaxis,1dropinzaxis
TemperatureCycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/ThermalCycling
5
Toperating=mintomax,Vin=mintomax,fullload,100cycles
DesignMarginality
5
Tmin-10°CtoTmax+10°C,5°Csteps,Vin=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,2minutesonand6hoursoff
Solderability
15pins
MIL-STD-883,method2003
•ExtensivecharacterizationtestingofallSynQorproductsandmanufacturingprocessesisperformedtoensurethatwesupply
robust,reliableproduct.Contactthefactoryforofficialproductfamilyqualificationdocuments.


Similar Part No. - PQ60240QGA05PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60240QGA05PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com