Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60240QGA05NYS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60240QGA05NYS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60240QGA05NYS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60240QGA05NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Input:
Output:
Current:
Package:
Technical Specification
35 - 75 V
24 V
5.0 A
Quarter-brick
Product # PQ60240QGA05
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2-QGA624D Rev. B 10/01/08
Page 6
0
2
4
6
8
10
12
40.0
39.5
39.0
38.5
38.0
37.5
37.0
36.6
36.0
35.5
35.0
Input Voltage (V)
100% Load
50% Load
0% Load
Figure 12: Percentage of output voltage trim-up that can be achieved
at various input voltages from Vin 35V-40V and output loads of 0%,
50% and full load.
0
1
2
3
4
5
6
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flow-
ing from pin 1 to pin 3 (nominal input voltage).
Figure 8: Thermal plot of converter at 5 amp load current (120W) with
55°C air flowing at the rate of 200 LFM. Air is flowing from pin 3 to
pin 1 (nominal input voltage).
Figure 9: Turn-on transient at full rated load (resistive load) (20 ms/
div) Input voltage pre-applied. Ch 1: Vout (10V/div). Ch 2: ON/OFF
input (5V/div)
Figure 10: Turn-on transient at zero load current (20 ms/div).
Ch 1: Vout (10V/div)
Ch 2: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 10µF, 100 m
W ESR tantalum
capacitor and 1µF ceramic capacitor. Ch 1: Vout (1V/div), Ch 2: Iout (2A/div).
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - PQ60240QGA05NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60240QGA05NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com