Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5580PW Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV5580PW
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5580PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5580PW Datasheet HTML 3Page - Texas Instruments TLV5580PW Datasheet HTML 4Page - Texas Instruments TLV5580PW Datasheet HTML 5Page - Texas Instruments TLV5580PW Datasheet HTML 6Page - Texas Instruments TLV5580PW Datasheet HTML 7Page - Texas Instruments TLV5580PW Datasheet HTML 8Page - Texas Instruments TLV5580PW Datasheet HTML 9Page - Texas Instruments TLV5580PW Datasheet HTML 10Page - Texas Instruments TLV5580PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TLV5580
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
SLAS205A – DECEMBER 1998 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions with fCLK = 80 MSPS and use
of external voltage references (unless otherwise noted)
dc accuracy
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Integral nonlinearity (INL) best fit
Internal references (see Note 1)
TA = 25°C
–2
±1
2
LSB
Integral nonlinearity (INL), best-fit
Internal references (see Note 1)
TA = –40°C to 85°C
–2.4
±1
2.4
LSB
Differential nonlinearity (DNL)
Internal references (see Note 2),
TA = –40°C to 85°C
–1
±0.6
1.3
LSB
Zero error
AVDD =DVDD =3 3V DRVDD =3V
See Note 3
5
%FS
Full scale error
AVDD = DVDD = 3.3 V, DRVDD = 3 V
See Note 3
5
%FS
NOTES:
1. Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full scale. The point used as zero
occurs 1/2 LSB before the first code transition. The full–scale point is defined as a level 1/2 LSB beyond the last code transition.
The deviation is measured from the center of each particular code to the true straight line between these two endpoints.
2. An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Therefore this measure
indicates how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under
test (i.e., (last transition level – first transition level)
÷ (2n – 2)). Using this definition for DNL separates the effects of gain and offset
error. A minimum DNL better than –1 LSB ensures no missing codes.
3. Zero error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to 1/2 LSB to the
bottom reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by
the number of ADC output levels (256).
Full-scale error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 254 to code 255. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5
LSB from the top reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references
divided by the number of ADC output levels (256).
analog input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance
4
pF
reference input (AVDD = DVDD = DRVDD = 3.6 V)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rref
Reference input resistance
200
Iref
Reference input current
5
mA
reference outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(REFTO)
Reference top offset voltage
Absolute min/max values valid
2.07
2 + [(AVDD – 3) ÷ 2]
2.21
V
V(REFBO)
Reference bottom offset voltage
and tested for AVDD = 3.3 V
1.09
1 + [(AVDD – 3) ÷ 2]
1.21
V


Similar Part No. - TLV5580PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI1-TLV5580 Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CDW TI1-TLV5580CDW Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CDWR TI1-TLV5580CDWR Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CPW TI1-TLV5580CPW Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CPWR TI1-TLV5580CPWR Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results

Similar Description - TLV5580PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI1-TLV5580_15 Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com