Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHIMD1PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHIMD1PT
Description  Dual Digital Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHIMD1PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHIMD1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHIMD1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHIMD1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHIMD1PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING CHARACTERISTIC CURVES ( CHIMD1PT)
CHDTA124T Typical Electrical Characteristics
-10u
-50u
-100u
-100u
-500u -1m
-5m -10m
−1m
-1
-5m
-500m
-10m
-200m
-50m
-100m
-100m
-50m
1k
-20m
500
-10m
200
-5m
100
-2m
50
-1m
20
10
5
COLLECTOR CURRENT : I
2
C
(A)
1
Fig.1 DC current gain vs. collector
current
Fig.2 Collector-emitter saturation
voltage vs. collector current
COLLECTOR CURRENT : IC
(A)
VCE -5V
=
Ta=100 C
25 C
-40 C
O
O
O
lC/lB 10
=
100 C
25 C
-40 C
O
O
O


Similar Part No. - CHIMD1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHIMD14PT CHENMKO-CHIMD14PT Datasheet
81Kb / 2P
   Dual Digital Transistor
More results

Similar Description - CHIMD1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com