Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHIMD6PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHIMD6PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHIMD6PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHIMD6PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHIMD6PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHIMD6PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTIC ( CHIMD6PT)
CHARACTERISTICS
V
Tamb = 25 °C unless otherwise speciÞed.
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BVCBO
Collector-base breakdown voltage
IC=50uA
50
V
BVCEO
Collector-emitter breakdown voltage
IC=1.0mA
50
V
V
BVEBO
Emitter-base breakdown voltage
IE=50uA
5.0
ICBO
Collector cutoff current
VCB=50V
0.5
uA
IEBO
Emitter cutoff current
hFE
DC current gain
VEB=4V
VCE(sat)
Collector-emitter saturation voltage
IC/IB=5mA/0.25mA
0.5
0.3
600
100
R1
Input resistor
3.29
6.11
250
4.7
K
uA
f T
Transition frequency
IC=5mA, VCE=10.0V
f=100MHz
250
MHz
IC=1mA; VCE=5.0V


Similar Part No. - CHIMD6PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHIMD14PT CHENMKO-CHIMD14PT Datasheet
81Kb / 2P
   Dual Digital Transistor
CHIMD1PT CHENMKO-CHIMD1PT Datasheet
125Kb / 4P
   Dual Digital Silicon Transistor
CHIMD2PT CHENMKO-CHIMD2PT Datasheet
120Kb / 4P
   Dual Digital Silicon Transistor
CHIMD3PT CHENMKO-CHIMD3PT Datasheet
118Kb / 4P
   Dual Digital Silicon Transistor
CHIMD8PT CHENMKO-CHIMD8PT Datasheet
135Kb / 4P
   Dual Digital Silicon Transistor
More results

Similar Description - CHIMD6PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com