Electronic Components Datasheet Search |
|
CHIMX3PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd. |
|
CHIMX3PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd. |
2 / 3 page 2SC2412K CHARACTERISTICS ELECTRICAL CHARACTERISTICS ( At TA = 25 oC unless otherwise noted ) PARAMETERS CONDITION Collector Cut-off Current Emitter Cut-off Current DC Current Gain IE=0; VCB=60V IC=0; VEB=7V VCE=6V IC=1mA Collector-Emitter Saturation Voltage IC=50mA; IB=5mA IE=ie=0; VCB=12V; f=1MHz IC=2mA; VCE=12V; f=100MHz Output Collector Capacitance Transition Frequency SYMBOL ICBO ICEO hFE Cob fT VCEsat MIN. MAX. TYPE UNITS - 0.1 uA Volts pF MHz - - 0.1 - 120 560 - - 0.4 - - 3.5 2 - - 180 Collector-base breakdown voltage IC=50uA BVCBO - - - - - - Volts Volts Volts Collector-emitter breakdown voltage IC=1mA Emitter-base breakdown voltage BVCEO IE=50uA BVEBO 50 60 7 RATING CHARACTERISTIC CURVES ( CHIMX3PT ) |
Similar Part No. - CHIMX3PT |
|
Similar Description - CHIMX3PT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |