Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60260HTB10PRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60260HTB10PRS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60260HTB10PRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60260HTB10PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60260HTB10PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # PQ60260HTB10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HTB26F Rev. H
10/10/08
Page 1
Technical
Specification
PQ60260HTB10
The PQ60260HTB10 PowerQor® Tera converter is a next-
generation, board-mountable, isolated, fixed switching
frequency dc/dc converter that uses synchronous recti-
fication to achieve extremely high conversion efficiency.
The power dissipated by the converter is so low that a
heatsink is not required. However, this unit provides a
baseplate for clamshell applications and optional heat-
sinking in severe thermal environments. The Tera series
converters offer the maximum usable current output for
any standard “half-brick” module. The Tera units also
feature active current sharing for N+1 and parallel appli-
cations. RoHS Compliant see last page.
PQ60260HTB10 Module
48Vin
26Vout
250W
2000Vdc
Half-brick
Input
Output
Power
Isolation
DC/DC Converter
•Ultra-highefficiency,92%atfullratedloadcurrent
•Deliversupto250Wattsofoutputpowerwithmini-
malderating-heatsinkoptional
•Wideinputvoltagerange:35V–75V,with100V
100msinputvoltagetransientcapability
•FixedfrequencyswitchingprovidespredictableEMI
performance
Operational Features
•Inputunder-voltagelockoutdisablesconverteratlow
inputvoltageconditions
•Outputcurrentlimitandshortcircuitprotection
•Activebackbiaslimitpreventsdamagetoconverter
fromexternalloadinducedpre-bias
•Outputover-voltageprotection
•Thermalshutdown
Protection Features
•On/Offcontrolreferencedtoinputside(positiveand
negativelogicoptionsareavailable)
•Remotesensefortheoutputvoltagecompensatesfor
outputdistributiondrops
•Outputvoltagetrimpermitscustomvoltagesandvoltage
margining
Control Features
•2000V,30MWinput-to-outputisolation
•UL/cUL60950-1recognized(US&Canada),basic
insulationrating
•TUVcertifiedtoEN60950-1
•Meets72/23/EECand93/68/EECdirectives
•MeetsUL94V-0flammabilityrequirements
Safety Features
•Industrystandardhalf-brickpin-outconfiguration
•Industrystandardsize:2.3”x2.4”(58.4x61.0mm)
•Totalheight0.50”(12.7mm)
•Baseplateallowsheatsinkattachmentor“clamshell”
configuration
•Totalweight:4.3oz(122g)
Mechanical Features
•ActivecurrentshareforN+1andparallelapplications
•ExternalClockSynchronizationpinforbetterEMIchar-
acteristics
•StartupSynchronizationpinformoreconsistentstart-up
sequence
•ORingFETdrivesupplyforefficientORingprotection
Optional Features (full-feature)


Similar Part No. - PQ60260HTB10PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60260HTB10PRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com