Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60260HTB10NRF Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60260HTB10NRF
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60260HTB10NRF Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60260HTB10NRF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60260HTB10NRF Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # PQ60260HTB10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HTB26F Rev. H
10/10/08
Page 9
Input:
Output:
Current:
Package:
35-75 V
26 V
9.6 A (250W)
Half-brick
Technical Specification
BASICOPERATIONANDFEATURES
ThePowerQorseriesconverterusesatwo-stagepowerconversion
topology.Thefirststageisabuck-converterthatkeepstheoutput
voltage constant over variations in line, load, and temperature.
Thesecondstageusesatransformertoprovidethefunctionsof
input/outputisolationandvoltagestep-downtoachievethelow
outputvoltagerequired.
Both the first stage and the second stage switch at a fixed fre-
quencyforpredictableEMIperformance.Rectificationofthetrans-
former’soutputisaccomplishedwithsynchronousrectifiers.These
devices,whichareMOSFETswithaverylowon-stateresistance,
dissipatefarlessenergythanSchottkydiodes.Thisistheprimary
reasonthatthePowerQorconverterhassuchhighefficiency,even
atverylowoutputvoltagesandveryhighoutputcurrents.
Dissipation throughout the converter is so low that it does not
requireaheatsinkforoperation.Sinceaheatsinkisnotrequired,
thePowerQorconverterdoesnotneedametalbaseplateorpot-
tingmaterialtohelpconductthedissipatedenergytotheheatsink.
ThePowerQorconvertercanthusbebuiltmoresimplyandreliably
usinghighyieldsurfacemounttechniquesonaPCBsubstrate.
The PowerQor series of half-brick, quarter-brick and eighth-brick
convertersusestheindustrystandardfootprintandpin-outconfigura-
tion.
CONTROLFEATURES
REMOTE ON/OFF (Pin 2):TheON/OFFinput,Pin2,permits
theusertocontrolwhentheconverterisonoroff.Thisinputisref-
erencedtothereturnterminaloftheinputbus,Vin(-).Thereare
twoversionsoftheconverterthatdifferbythesenseofthelogic
usedfortheON/OFFinput.
In the positive logic version, the ON/OFF input is active high
(meaningthatahighturnstheconverteron).Inthenegativelogic
version, the ON/OFF signal is active low (meaning that a low
turnstheconverteron).FigureAdetailsfivepossiblecircuitsfor
drivingtheON/OFFpin.FigureBisadetailedlookoftheinternal
ON/OFFcircuitry.
REMOTE SENSE(+) (Pins 8 and 6): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’soutputpinstotheload.
Pin8shouldbeconnectedtoVout(+)andPin6shouldbecon-
nected to Vout(-) at the point on the board where regulation is
desired.Aremoteconnectionattheloadcanadjustforavoltage
droponlyaslargeasthatspecifiedinthisdatasheet,thatis
[Vout(+)-Vout(-)][Vsense(+)-Vsense(-)]<
SenseRange%xVout
Pins8and6mustbeconnectedforproperregulationoftheout-
putvoltage.Iftheseconnectionsarenotmade,theconverterwill
deliveranoutputvoltagethatisslightlyhigherthanitsspecified
value.
Note:theoutputover-voltageprotectioncircuitsensesthevoltage
acrosstheoutput(pins9and5)todeterminewhenitshouldtrig-
ger,notthevoltageacrosstheconverter’ssenseleads(pins8and
6).Therefore, the resistive drop on the board should be small
enough so that output OVP does not trigger, even during load
transients.
OUTPUT VOLTAGE TRIM (Pin 7):TheTRIMinputpermitsthe
usertoadjusttheoutputvoltageacrossthesenseleadsupordown
accordingtothetrimrangespecifications.
OpenCollectorEnableCircuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
RemoteEnableCircuit
DirectLogicDrive
NegativeLogic
(PermanentlyEnabled)
PositiveLogic
(PermanentlyEnabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
274k
Vin(+)
ON/OFF
Vin(_)
50k
100pF


Similar Part No. - PQ60260HTB10NRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60260HTB10NRF

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com