Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280FTB26PYS-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60280FTB26PYS-G
Description  Full-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280FTB26PYS-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60280FTB26PYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60280FTB26PYS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Product # PQ60280FTA26
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2FT628P Rev. C
5/21/08
Page 9
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
36-75 V
36-75 V
28 V
28 V
26 A
26 A
Full-brick
Full-brick
-25
-20
-15
-10
-5
0
5
10
15
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 19: Magnitude of incremental reverse transmission (RT =
iin/iout) for minimum, nominal, and maximum input voltage at full rated
power.
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 20: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power.
0
5
10
15
20
25
30
35
-5
0
5
10
15
20
25
30
35
Load Current (A)
Figure 22: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Airflow (LFM)
Figure 23: Thermal resistance (Rthca) plot at 50% output power (base-
plated, no-heatsink configuration).
0
3
6
9
12
15
18
21
24
27
0
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 21: Baseplated unit maximum output power derating curves vs. ambient
air temperature for airflow rates of 100 LFM through 400 LFM with air flowing
from input to output (nominal input voltage). No derating if baseplate is <100ºC.


Similar Part No. - PQ60280FTB26PYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HEA13 SYNQOR-PQ60280HEA13 Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKH SYNQOR-PQ60280HEA13NKH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKS SYNQOR-PQ60280HEA13NKS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNH SYNQOR-PQ60280HEA13NNH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNS SYNQOR-PQ60280HEA13NNS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60280FTB26PYS-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFB200 CUI-VFB200 Datasheet
766Kb / 4P
   full brick dc-dc converter
logo
Advanced Thermal Soluti...
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0 Datasheet
400Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
logo
Wall Industries,Inc.
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com