Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM1592PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHM1592PT
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM1592PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHM1592PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM1592PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM1592PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHM1592PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING CHARACTERISTIC CURVES ( CHM1592PT )
Electrical Characteristics T
A
= 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
gFS
Forward Transconductance
VDS =10V, ID = 0.5A
RDS(ON) Static Drain-Source On-Resistance
VGS=10V, ID=0.3A
ton
Turn-On Time
nS
VDD= 10V
ID= 0.3A, VGS= 4 V
tr
Rise Time
10
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID= 10 µA
uA
60
V
uA
I
GSSF
DSS
Zero Gate Voltage Drain Current
VDS
Gate-Body Leakage
= 6
Gate-Body Leakage
0 V,
V
V
GS
GS
= 20V,
= 0 V
VDS
µ
= 0 V
A
+10
-10
VGS = -20V, VDS = 0 V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID = 1mA
0.8
V
VGS=4.0V, ID=0.3A
tf
Fall Time
Turn-Off Time
toff
RGEN= 10 Ω,
(Note 2)
(Note 4)
2.0
mS
60
150
150
100
I
I
GSSR
Forward Transconductance
mS
Dynamic Characteristics
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
gFS
Ciss
Coss
Crss
VDS = 10V, VGS = 0V,
f = 1.0 MHz
52
34
7
pF
1.2
2.0
1.2
2.5
1.6
400
570
VDS =10V, ID = 0.5A
400
570
SWITCHING CHARACTERISTICS
RL= 33


Similar Part No. - CHM1592PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM1012LPAPT CHENMKO-CHM1012LPAPT Datasheet
199Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
CHM1012PAPT CHENMKO-CHM1012PAPT Datasheet
198Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
United Monolithic Semic...
CHM1080-98F UMS-CHM1080-98F Datasheet
574Kb / 16P
   71-86GHz Single Side Band Mixer
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
   K Band Mixer
CHM1190-99F/00 UMS-CHM1190-99F/00 Datasheet
89Kb / 6P
   K Band Mixer
More results

Similar Description - CHM1592PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com