Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280HEF13PRH Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60280HEF13PRH
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280HEF13PRH Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60280HEF13PRH Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280HEF13PRH Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # PQ60280HEA13
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HE628P Rev. C
7/3/07
Page 2
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
28 V
28 V
12.8 A
12.8 A
Half-brick
Half-brick
1.000
(25.40)
0.700
(17.78)
2.40
(61.00)
1.400
(35.56)
1.90
(48.30)
Load Board
Bottom side
Clearance
See Note 10
0.19
(4.80)
0.50
(12.70)
0.400
(10.16)
2.30
(58.40)
1.400
(35.56)
0.400
(10.16)
0.030+/-0.028
(0.76+/-0.71)
Overall Height
0.398+/-0.016
(10.11+/-0.4)
Top View
Side View
Pin No. Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
4
Vin(-)
Negative input voltage
5
Vout(-)
Negative output voltage
6
SENSE(-)
Return remote sense
7
TRIM
Output voltage trim
8
SENSE(+)
Positive remote sense
9
Vout(+)
Positive output voltage
Notes:
1. SENSE(-) may be connected to Vout(-) either remotely or at the converter.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) may be connected to Vout(+) either remotely or at the converter.
0.145
(3.68)
See Note 3
NOTES
1) Pins 1-4, 6-8 are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 5 and 9 are 0.080” (2.03 mm) diameter with
0.125” (3.18mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish (RoHS 5/6) - Tin/Lead over Nickel plate
Finish (RoHS 6/6) - Matte Tin over Nickel plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 2.6 oz. (75g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This
issue should be considered if any copper traces are on the
top side of the user’s board. Note that the ferrite cores are
considered part of the input/primary circuit.
PIN DESIGNATIONS
12
4
5
6
7
8
9
MECHANICAL
DIAGRAM
(open frame)


Similar Part No. - PQ60280HEF13PRH

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HZw22xyz-G SYNQOR-PQ60280HZw22xyz-G Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
More results

Similar Description - PQ60280HEF13PRH

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com