Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5620 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5620
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5620 Datasheet(HTML) 3 Page - Texas Instruments

  TLV5620 Datasheet HTML 1Page - Texas Instruments TLV5620 Datasheet HTML 2Page - Texas Instruments TLV5620 Datasheet HTML 3Page - Texas Instruments TLV5620 Datasheet HTML 4Page - Texas Instruments TLV5620 Datasheet HTML 5Page - Texas Instruments TLV5620 Datasheet HTML 6Page - Texas Instruments TLV5620 Datasheet HTML 7Page - Texas Instruments TLV5620 Datasheet HTML 8Page - Texas Instruments TLV5620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLV5620C, TLV5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS110B – JANUARY 1995 – REVISED APRIL 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
The TLV5620 is implemented using four resistor-string DACs. The core of each DAC is a single resistor with
256 taps, corresponding to the 256 possible codes listed in Table 1. One end of each resistor string is connected
to GND and the other end is fed from the output of the reference input buffer. Monotonicity is maintained by use
of the resistor strings. Linearity depends upon the matching of the resistor segments and upon the performance
of the output buffer. Since the inputs are buffered, the DACs always presents a high-impedance load to the
reference source.
Each DAC output is buffered by a configurable-gain output amplifier, which can be programmed to times 1 or
times 2 gain.
On power up, the DACs are reset to CODE 0.
Each output voltage is given by:
V
O
(DACA|B|C|D)
+ REF
CODE
256
(1
) RNG bit value)
where CODE is in the range 0 to 255 and the range (RNG) bit is a 0 or 1 within the serial control word.
Table 1. Ideal Output Transfer
D7
D6
D5
D4
D3
D2
D1
D0
OUTPUT VOLTAGE
0
0
0
0
0
0
0
0
GND
0
0000001
(1/256)
× REF (1+RNG)
•••••••
•••••••
0
1111111
(127/256)
× REF (1+RNG)
1
0000000
(128/256)
× REF (1+RNG)
•••••••
•••••••
1
1
1
1
1
1
1
1
(255/256)
× REF (1+RNG)
data interface
With LOAD high, data is clocked into the DATA terminal on each falling edge of CLK. Once all data bits have
been clocked in, LOAD is pulsed low to transfer the data from the serial input register to the selected DAC as
shown in Figure 1. When LDAC is low, the selected DAC output voltage is updated when LOAD goes low. When
LDAC is high during serial programming, the new value is stored within the device and can be transferred to
the DAC output at a later time by pulsing LDAC low as shown in Figure 2. Data is entered MSB first. Data
transfers using two 8-clock-cycle periods are shown in Figures 3 and 4.
Table 2 lists the A1 and A0 bits and the selection of the updated DACs. The RNG bit controls the DAC output
range. When RNG = low, the output range is between the applied reference voltage and GND, and when
RNG = high, the range is between twice the applied reference voltage and GND.
Table 2. Serial Input Decode
A1
A0
DAC UPDATED
0
0
DACA
0
1
DACB
1
0
DACC
1
1
DACD


Similar Part No. - TLV5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620C TI-TLV5620C Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CD TI1-TLV5620CD Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDG4 TI1-TLV5620CDG4 Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDRG4 TI1-TLV5620CDRG4 Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLV5620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com