Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM6861ZPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHM6861ZPT
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM6861ZPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHM6861ZPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM6861ZPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM6861ZPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHM6861ZPT )
Typical Electrical Characteristics
0
0.5
1.0
1.5
2.0
2.5
0
2
4
10
6
8
-V
, DRAIN-TO-SOURCE VOLTAGE (V)
DS
Figure 1. Output Characteristics
VGS=10,6,5V
VGS=3.0V
10
0
0
2
4
-VGS , GATE-TO-SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
J
=25°C
T
J
=125°C
T
J
=-55°C
T
1.0
2.0
5.0
6
8
10
0
3
6
9
12
0
2
4
6
8
Qg , TOTAL GATE CHARGE (nC)
Figure 3. Gate Charge
I D = -3.5 A
V DS = -30 V
2.2
0.7
-100
1.0
1.6
T , JUNCTION T EMPERATURE (°C)
J
0.4
1.3
1.9
Figure 4. On-Resistance Variation with
Temperature
I D = - 3. 1 A
V GS = - 10V
-50
0
50
100
150
200
Temperature
1.3
0.7
-50
-25
0
25
50
75
100
125
150
0.9
1.1
T , JUNCTION T EMPERATURE (°C)
J
0.6
0.8
1.0
1.2
Figure 5. Gate Threshold Variation with
I D =250uA
V DS =V GS
6.0
3.0
4.0


Similar Part No. - CHM6861ZPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM6861JPT CHENMKO-CHM6861JPT Datasheet
212Kb / 2P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM6861ZPT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com