Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV986PFB Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV986PFB
Description  3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV986PFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV986PFB Datasheet HTML 2Page - Texas Instruments TLV986PFB Datasheet HTML 3Page - Texas Instruments TLV986PFB Datasheet HTML 4Page - Texas Instruments TLV986PFB Datasheet HTML 5Page - Texas Instruments TLV986PFB Datasheet HTML 6Page - Texas Instruments TLV986PFB Datasheet HTML 7Page - Texas Instruments TLV986PFB Datasheet HTML 8Page - Texas Instruments TLV986PFB Datasheet HTML 9Page - Texas Instruments TLV986PFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLV986
3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
SLAS228 – JULY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
TA = 25°C, AVDD = DVDD = 3 V, ADCCLK = 12.5 MHz (unlessotherwise noted) (continued)
reference voltages
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal bandgap voltage reference
1.43
1.50
1.58
V
Temperature coefficient
100
ppm/
°C
ADC Reference+
Externally decoupled
1.8
2
2.2
V
ADC Reference–
Externally decoupled
0.9
1
1.1
V
digital specifications
logic inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
DIVDD =3V
–10
10
µA
IIL
Low-level input current
DIVDD = 3 V
–10
10
µA
Ci
Input capacitance
5
pF
logic outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = 50 µA,
DIVDD = 3 V
DIVDD–0.4
V
VOL
Low-level output voltage
IOL= 50 µA,
DIVDD = 3 V
0.4
V
IOZ
High-impedance-state output current
–10
10
µA
CO
Output capacitance
5
pF
key timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(SRW)
SR pulse width
Measured at 50% of pulse height
10
ns
t(SVW)
SV pulse width
Measured at 50% of pulse height
10
ns
t(OBS)
OBCLP falling edge to ADCCLK rising edge
Minimum 0.25
× one ADCCLK cycle
t(OBE)
ADCCLK falling edge to OBCLP rising edge
Not critical, but should not exceed 2N pixels
t(OD)
ADCCLK to output data delay
4
9
ns
t(CSF)
CS falling edge to SCLK rising edge
0
ns
t(CSR)
SCLK falling edge to CS rising edge
5
ns
0
5
10
15
20
25
30
35
40
0
28
56
84
112 140 168 196 224 252 280 308 336 364 392 420 448 476 504
PGA – Gain Code
TLV986 GAIN


Similar Part No. - TLV986PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV987 TI-TLV987 Datasheet
262Kb / 20P
[Old version datasheet]   3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
TLV987PFB TI-TLV987PFB Datasheet
262Kb / 20P
[Old version datasheet]   3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
More results

Similar Description - TLV986PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV987 TI-TLV987 Datasheet
262Kb / 20P
[Old version datasheet]   3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
TLV990B TI-TLV990B Datasheet
291Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLC976C TI-TLC976C Datasheet
220Kb / 17P
[Old version datasheet]   10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com