Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV987PFB Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV987PFB
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987PFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV987PFB Datasheet HTML 2Page - Texas Instruments TLV987PFB Datasheet HTML 3Page - Texas Instruments TLV987PFB Datasheet HTML 4Page - Texas Instruments TLV987PFB Datasheet HTML 5Page - Texas Instruments TLV987PFB Datasheet HTML 6Page - Texas Instruments TLV987PFB Datasheet HTML 7Page - Texas Instruments TLV987PFB Datasheet HTML 8Page - Texas Instruments TLV987PFB Datasheet HTML 9Page - Texas Instruments TLV987PFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
AVDD = DVDD = 3 V, ADCCLK = 27 MHz (unlessotherwise noted)
reference voltages
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal bandgap voltage reference
1.43
1.5
1.58
V
Temperature coefficient
100
ppm/
°C
Voltage reference noise
0.5
LSB
Positive reference voltage, ADC Ref+
Externally decoupled
1.8
2
2.2
V
Negative reference voltage, ADC Ref–
Externally decoupled
0.8
1
1.2
V
digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS
IIH
High-level input current
DIVDD = 3 V
–10
10
µA
IIL
Low-level input current
DIVDD = 3 V
–10
10
µA
Ci
Input capacitance
5
pF
LOGIC OUTPUTS
VOH
High-level output voltage
IOH = 50 µA, DIVDD = 3 V
DIVDD–0.4
V
VOL
Low-level output voltage
IOL = 50 µA, DIVDD = 3 V
0.4
V
IOZ
High-impedance output current
–10
10
µA
C
Output capacitance
5
pF
timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw(SR)
Pulse duration, SR
50% to 50%
10
ns
tw(SV)
Pulse duration, SV
50% to 50%
10
ns
tsu1
Setup time, OBCLP
↓ before ADCCLK ↑
Minimum 0.25
× ADCCLK clock cycle
th2
Hold time, ADCCLK
↓ after OBCLP ↑
td
Delay time, ADCCLK
↓ to ADCOUT valid
4
9
ns
tsu2
Setup time, CS
↓ before SCLK ↑
0
ns
th1
Hold time, SCLK
↓ after CS ↑
5
ns
0
5
10
15
20
25
30
35
40
0
28
56
84
112 140 168 196 224 252 280 308 336 364 392 420 448 476 504
PGA – Gain Code
Figure 1. TLV987 PGA Gain Code vs Gain


Similar Part No. - TLV987PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV986 TI-TLV986 Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
TLV986PFB TI-TLV986PFB Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
More results

Similar Description - TLV987PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV986 TI-TLV986 Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
TLC976C TI-TLC976C Datasheet
220Kb / 17P
[Old version datasheet]   10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
TLV990B TI-TLV990B Datasheet
291Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
   10-Bit, 27 MSPS Camera Signal Processor
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com