Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM8958JPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHM8958JPT
Description  Dual Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM8958JPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHM8958JPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM8958JPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM8958JPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHM8958JPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHM8958JPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING CHARACTERISTIC CURVES ( CHM8958JPT )
P-Channel Electrical Characteristics T
A
= 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-1
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
52
V
ON CHARACTERISTICS
GS
g
= 0 V, ID
FS
Forward Transconductance
V
= -250 µA
DS
nA
-30
= -5V
V
nA
, I
I
D
DSS
S
= -5A
Zero Gate Voltage Drain Current
I
R
V
DS(ON)
DS
Static Drain-Source On-Resistance
Gate-Body Leakage
m
=
VGS=-10V, ID=-5A
Gate-Body Leakage
-24 V,
V
V
GS
GS
= 20V,
= 0 V
VDS
µ
= 0 V
SWITCHING
A
CHARACTERISTICS
+100
-100
VGS = -20V, V
Qgs
DS
Gate-Source Charge
= 0 V
Q gd
Gate-Drain Charge
ton
V
Turn-On Time
GS
nS
(th)
V
Gate Threshold Voltage
DD
V
= -15V
DS
ID
= V
= -1.0A
GS
,
, I
V
D
G
= -250 µA
S
= -10 V
25
tr
Rise Time
-1
10
V
VGS=-4.5V, ID=-4A
110
tf
Fall Time
50
Qg
Total Gate Charge
2.3
VDS=-15V, ID=-5.3A
VGS=-10V
Turn-Off Time
toff
RGEN= 6
(Note 2)
(Note 4)
10
nC
12
5
57
24
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
11
VSD
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage IS = -1.3A, VGS= 0 V
-1.3
-1.2
A
V
(Note 1)
(Note 2)
80
42
GSSF
I
I
GSSR
1.7
60
S
-3
14


Similar Part No. - CHM8958JPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM8912JPT CHENMKO-CHM8912JPT Datasheet
200Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CHM8933AJPT CHENMKO-CHM8933AJPT Datasheet
204Kb / 2P
   Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8968JPT CHENMKO-CHM8968JPT Datasheet
573Kb / 5P
   Dual Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM8958JPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEH2609 CET-CEH2609 Datasheet
572Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM3109 CET-CEM3109 Datasheet
620Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM8958A CET-CEM8958A Datasheet
427Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM8401JPT CHENMKO-CHM8401JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM9939AJPT CHENMKO-CHM9939AJPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM11C2JPT CHENMKO-CHM11C2JPT Datasheet
321Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4532JPT CHENMKO-CHM4532JPT Datasheet
319Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4559JPT CHENMKO-CHM4559JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com