Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM9407AZPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHM9407AZPT
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM9407AZPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHM9407AZPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM9407AZPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHM9407AZPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
P-Channel Enhancement Mode Field Effect Transistor
VOLTAGE 60 Volts
CURRENT 3.7 Ampere
APPLICATION
FEATURE
* High density cell design for extremely low RDS(ON).
CONSTRUCTION
* P-Channel Enhancement
* Servo motor control.
* Power MOSFET gate drivers.
* Other switching applications.
2005-02
* Rugged and reliable.
CIRCUIT
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
CHM9407AZPT
Units
VDSS
Drain-Source Voltage
-60
V
VGSS
Gate-Source Voltage
±20
V
ID
Maximum Drain Current - Continuous
A
- Pulsed
PD
Maximum Power Dissipation
3000
mW
TSTG
Storage Temperature Range
-55 to 150
°C
Thermal characteristics
R
θJA
Thermal Resistance, Junction-to-Ambient
42
-3.7
°C/W
(Note 3)
Note : 1. Surface Mounted on FR4 Board , t <=10sec
2. Pulse Test , Pulse width <= 300us , Duty Cycle <= 2%
S
D
G
2
1
3
-15
Dimensions in millimeters
SC-73/SOT-223
SC-73/SOT-223
0.90+0.05
6.50+0.20
1.65+0.15
0.01~0.10
0.70+0.10
0.70+0.10
0.70+0.10
2.30+0.1
4.60+0.1
0.27+0.05
3.00+0.10
2.0+0.3
0.9+0.2
1
2
3
1 Gate
3 Drain ( Heat Sink )
2 Source
* Small flat package. ( SC-73/SOT-223 )
TJ
Operating Temperature Range
-55 to 150
°C
3. Repetitive Rating , Pulse width linited by maximum junction temperature
(Note 1)
4. Guaranteed by design , not subject to production trsting


Similar Part No. - CHM9407AZPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM9407AJPT CHENMKO-CHM9407AJPT Datasheet
212Kb / 2P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM9407AZPT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com