Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM9936AJPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHM9936AJPT
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM9936AJPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHM9936AJPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM9936AJPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM9936AJPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTIC ( CHM9936AJPT )
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
40
V
ON CHARACTERISTICS
GS
g
= 0 V, ID
FS
Forward Transconductance
V
= 250 µA
DS
nA
30
=10V
V
nA
, I
I
D
GSSF
DSS
= 5.4A
S
Zero Gate Voltage Drain Current
I
R
V
DS(ON)
DS
Static Drain-Source On-Resistance
Gate-Body Leakage
m
=
VGS=10V, ID=5.4A
Gate-Body Leakage
24 V,
V
V
GS
GS
= 20V,
= 0 V
VDS
µ
= 0 V
SWITCHING
A
CHARACTERISTICS
+100
-100
VGS = -20V, V
Qgs
DS
Gate-Source Charge
= 0 V
Q gd
Gate-Drain Charge
ton
V
Turn-On Time
GS
nS
(th)
V
Gate Threshold Voltage
DD
V
= 10V
DS
ID
= V
= 1.0A
GS
,
, I
V
D
G
= 250 µA
S
= 10 V
tr
Rise Time
1
V
VGS=4.5V, ID=3.2A
tf
Fall Time
Qg
Total Gate Charge
3
VDS=15V, ID=5.4A
VGS=10V
Turn-Off Time
toff
RGEN= 6
(Note 2)
(Note 4)
3
5
S
nC
23
14
45
10
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
12
I
VSD
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage IS = 2.5A, VGS= 0 V
1.7
1.3
A
V
(Note 1)
(Note 2)
55
32
42
2
17
I
GSSR
45
35
90
30
Dynamic Characteristics
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Ciss
Coss
Crss
VDS = 15V, VGS = 0V,
f = 1.0 MHz
400
180
55
pF


Similar Part No. - CHM9936AJPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM9935AJPT CHENMKO-CHM9935AJPT Datasheet
199Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CHM9939AJPT CHENMKO-CHM9939AJPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM9936AJPT

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com