Electronic Components Datasheet Search
Selected language     English  ▼


B-1 Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part No. B-1
Description  Beryllia Core, Silicone Coated Power Resistors MIL-R-26 (RW) & Commercial Industrial Styles
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRCTT [IRC - a TT electronics Company.]
Homepage  http://www.irctt.com
Logo 

   
 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Curve
120
100
80
60
40
20
0
25
75
125
175
225
275
Ambient Temperature (°C)
350
Char. V
Char. U
Beryllia Core, Silicone Coated
Power Resistors MIL-R-26 (RW)
& Commercial Industrial Styles
Derating
B Series Issue September 2008 Sheet 3 of 3
Ambient Temperature: Operating temperature range of -55°C to +350°C.
Higher temperatures require derating as illustrated.
Stability: Resistance chance is 1/2 or less than that of conventional power resistors when operated at the
same wattage.
Characteristic U
1. 275°C maximum hotspot temperature.
2. 5% maximum
∆R for 2000 hour load life.
Characteristic U:
1. 350°C maximum hotspot temperature.
2. 3% maximum
∆R for 2000 hour load life.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UT-1Silicone Coated Power Resistors 1 2 Willow Technologies Ltd
G-1-80Wirewound Resistors Military MIL-PRF-26 Qualified Type RW Precision Power Silicone Coated 1 2 3 Vishay Siliconix
135X-R10PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT 1 RCD COMPONENTS INC.
UB-1Silicone Coated Power Resistors 1 2 Riedon Powertron
RS01MWirewound Resistors Military MIL-PRF-26 Qualified Type RW Precision Power Silicone Coated 1 2 3 Vishay Siliconix
UTL-1Silicone Coated Power Resistors 1 Riedon Powertron
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
WRP1WPOWER TYPE SILICON COATED WIRE WOUND RESISTORS 1 ABCO ELECTRONICS CO.LTD
LVRWirewound Resistors Precision Power Low Value Commercial Military MIL-PRF-49465 Type RLV Axial Lead 1 2 3 Vishay Siliconix
CA3020_008MHz Power Amps For Military Industrial and Commercial Equipment 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl