Selected language     English  ▼


B-10 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part No. B-10
Description  Beryllia Core, Silicone Coated Power Resistors MIL-R-26 (RW) & Commercial Industrial Styles
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRCTT [IRC - a TT electronics Company.]
Homepage  http://www.irctt.com
Logo 

   
 1 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Beryllia Core, Silicone Coated
Power Resistors MIL-R-26 (RW)
& Commercial Industrial Styles
IRC "B" Series resistors offer power ratings up to 4 times highere than standard power wirewound resistors of
equal size. This is made possible due to a finer heat dissipation pattern. The Series "B" resistors will equal the
same stability and environmental requirements of lower rated conventional resistors.
Electrical Data
Heat Dissipation
Beryllia core provides finest possible pattern
Power Rating
Up to 4x higher than conventional resistors, depending upon physical size
Power to Size Ratio
35% to 400% greater than standard silicone coated types
Wattage
1 watt to 18 watts
Standard Temperature Coefficients
± 20 ppm/°C 10
Ωup
± 50 ppm/°C 1
Ω to 9.9Ω
± 400 ppm/°C 0.5
Ω to 0.499Ω
± 650 ppm/°C 0.1
Ω to 0.499Ω
Special Temperature Coefficients
22 special T.C.’s available from -20 ppm to +6000 ppm
Tolerance
± 1% to + 0.1%
Resistance Values
From .1 to 150K
Coating
Special high temperature silicone coating, impervious to moisture,
salt water immersion, and abrasion
Leads
Tinned copperweld is standard
Dielectric Strength
500 volts AC for B-1, B-2, B-3; all others 1000 volts
Insulation Resistance
5000 megaohms minimum dry
B Series Issue September 2008 Sheet 1 of 3
B Series




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UT-1Silicone Coated Power Resistors 1 2 Willow Technologies Ltd
G-1-80Wirewound Resistors Military MIL-PRF-26 Qualified Type RW Precision Power Silicone Coated 1 2 3 Vishay Siliconix
135X-R10PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT 1 RCD COMPONENTS INC.
UB-1Silicone Coated Power Resistors 1 2 Riedon Powertron
RS01MWirewound Resistors Military MIL-PRF-26 Qualified Type RW Precision Power Silicone Coated 1 2 3 Vishay Siliconix
UTL-1Silicone Coated Power Resistors 1 Riedon Powertron
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
WRP1WPOWER TYPE SILICON COATED WIRE WOUND RESISTORS 1 ABCO ELECTRONICS CO.LTD
LVRWirewound Resistors Precision Power Low Value Commercial Military MIL-PRF-49465 Type RLV Axial Lead 1 2 3 Vishay Siliconix
CA3020_008MHz Power Amps For Military Industrial and Commercial Equipment 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl