Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C242 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C242
Description  DSP CONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C242 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C242 Datasheet HTML 6Page - Texas Instruments TMS320C242 Datasheet HTML 7Page - Texas Instruments TMS320C242 Datasheet HTML 8Page - Texas Instruments TMS320C242 Datasheet HTML 9Page - Texas Instruments TMS320C242 Datasheet HTML 10Page - Texas Instruments TMS320C242 Datasheet HTML 11Page - Texas Instruments TMS320C242 Datasheet HTML 12Page - Texas Instruments TMS320C242 Datasheet HTML 13Page - Texas Instruments TMS320C242 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
architectural overview
The functional block diagram provides a high-level description of each component in the ’C242 DSP controllers.
The TMS320x24x devices are composed of three main functional units: a ’C2xx DSP core, internal memory,
and peripherals. In addition to these three functional units, there are several system-level features of the ’C242
that are distributed. These system features include the memory map, device reset, interrupts, digital
input / output (I / O), clock generation, and low-power operation.
system-level functions
device memory map
The ’C242 device implements three separate address spaces for program memory, data memory, and
I/O space. On the ’C242, the first 96 (0–5Fh) data memory locations are either allocated for memory-mapped
registers or reserved. This memory-mapped register space contains various control and status registers,
including those for the CPU.
All the on-chip peripherals of the ’C242 devices are mapped into data memory space. Access to these registers
is made by the CPU instructions addressing their data memory locations. Figure 1 shows the ’C242 memory
map.


Similar Part No. - TMS320C242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C242 TI1-TMS320C242 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
TMS320C242PGA TI1-TMS320C242PGA Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
TMS320C242PGS TI1-TMS320C242PGS Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results

Similar Description - TMS320C242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_08 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
   Mixed Signal DSP Controller
REV. 0
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com