Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIP-1989HT-02-1001GD Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # DIP-1989HT-02-1001GD
Description  TaNFilm짰 High Temperature DIP and SIP Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

DIP-1989HT-02-1001GD Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  DIP-1989HT-02-1001GD Datasheet HTML 1Page - IRC - a TT electronics Company. DIP-1989HT-02-1001GD Datasheet HTML 2Page - IRC - a TT electronics Company. DIP-1989HT-02-1001GD Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC Advanced Film Division
A
0.250
0.080
″ Max
0.025
± 0.005
0.020
″ ± 0.001 Typ
0.135
″ + 0.015
- 0.010
0.105
″ ± 0.020
0.050
″ ± 0.003
0.050
″ ± 0.015
0.100
″ ± 0.005
Typ. Non-Cumulative
meniscus
0.300
+0.015/-0.010
0.010
0.020
″ Max
0.010
″ ± 0.001
0.205
LEAD MATERIAL:
CDA 110 COPPER ½ HARD (EIP)
PLATED 30-50 µIN. NICKEL
25µIN MINIMUM GOLD
Physical Data
TaNFilm® High Temperature
DIP and SIP Networks
# OF
LEADS
DIM A
14
0.700" ± 0.020
16
0.800" ± 0.020
1900HT DIP Series
Schematic B
2
1
3 . . .
N-1
R
1
N
N-2 . . .
R
1
Schematic A
1
2
3 . . .
N-1
N
N-2 . . .
. . .
. . .
2
1
3
R
1
4
R
2
Schematic G
2
1
3
R
1
N
R
2
R
N-1
Schematic C
N-1
N
. . .
R
N-1
R
2
R
3
R
2
Schematic A
Schematic B
N = Number of pins
HT Series Issue November 2008 Sheet 2 of 3


Similar Part No. - DIP-1989HT-02-1001GD

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
DIP-1989-01-1001DB IRCTT-DIP-1989-01-1001DB Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
DIP-1989-01-1001DC IRCTT-DIP-1989-01-1001DC Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
DIP-1989-01-1001DD IRCTT-DIP-1989-01-1001DD Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
DIP-1989-01-1001DF IRCTT-DIP-1989-01-1001DF Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
DIP-1989-01-1001FB IRCTT-DIP-1989-01-1001FB Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
More results

Similar Description - DIP-1989HT-02-1001GD

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
8900 IRCTT-8900 Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
   SIP NETWORKS
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
   SIP NETWORKS
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
   THICK FILM SIP NETWORKS
logo
Vishay Siliconix
TCN VISHAY-TCN Datasheet
93Kb / 2P
   Capacitors Networks, Coated SIP
Revision: 17-Mar-08
MCN VISHAY-MCN Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com