Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-2R250HLF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # AS-2R250HLF
Description  Semi-Precision Power Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

AS-2R250HLF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  AS-2R250HLF Datasheet HTML 1Page - IRC - a TT electronics Company. AS-2R250HLF Datasheet HTML 2Page - IRC - a TT electronics Company. AS-2R250HLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Semi-Precision Power
Wirewound Resistor
Sample Part No.
IRC Type
AS
Power
3 = 3 watts
(See specification chart for other power ratings)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
J = ±5%; H = ±3%; F = ±1%; D = ±0.5%
Lead Free Construction
Ordering Data
AS - 3
27R0
F
LF
AS Series Issue August 2008 Sheet 3 of 3
Test Condition
Max
∆R
Load Life 1000 hours
1.0%
Moisture Resistance
1.0%
Temperature Cycle
0.5%
Short Time Overload
0.5%
Low Temperature Operation
0.5%
Solder Heat
0.25%
Shock
0.5%
Vibration
0.5%
Environmental Testing at 25°C
Power Derating Curve
Selected Pulse-Handling
Capability @ 125°C
Ambient Temperature (°C)
25
75
125
175
225
275
200
175
150
125
100
75
0
AS- 1/4, 1/2, 1, 1C
AS- 3, 2
AS- 2C
AS- 5, 10
AS- 7
AS- 2B
Resistance (ohms)
0.1
0.2
0.5
1
2
5
10
14
12
10
8
6
4
2
0
AS- 2A
AS- 3
AS- 2
AS- 2B
AS- 2C
AS- 1
AS- 1/2
AS- 1/4


Similar Part No. - AS-2R250HLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-2 ETC1-AS-2 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-2 WELWYN-AS-2 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
Raltron Electronics Cor...
AS-20.000-20 RALTRON-AS-20.000-20 Datasheet
96Kb / 1P
   LOW PROFILE MICROPROCESSOR CRYSTAL
logo
Nuvotem Talema
AS-200 TALEMA-AS-200 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
AS-201 TALEMA-AS-201 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
More results

Similar Description - AS-2R250HLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
IRC - a TT electronics ...
LAS-32001JLF IRCTT-LAS-32001JLF Datasheet
218Kb / 3P
   Low Cost Semi-Precision Power Wirewound Resistor
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
   Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
logo
Welwyn Components Limit...
PPW WELWYN-PPW Datasheet
136Kb / 2P
   Semi-Precision Power Wirewound Resistors
logo
IRC - a TT electronics ...
T-2B79U49R9 IRCTT-T-2B79U49R9 Datasheet
157Kb / 2P
   COMMERCIAL STYLES SEMI-PRECISION POWER WIREWOUND
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
   Commercial Styles Semi-Precision Power Wirewound Resistors
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com