Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAF-2A Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CAF-2A
Description  Commercial Grade Axial Lead Power Wirewound & Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CAF-2A Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CAF-2A Datasheet HTML 1Page - IRC - a TT electronics Company. CAF-2A Datasheet HTML 2Page - IRC - a TT electronics Company. CAF-2A Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
CAF - Ceramic Axial Film
CAW - Ceramic Axial Wirewound
Power rating
(see specs table)
Resistance Value (EIA 4-digit code)
(
≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100
Ω = 1000; 1000Ω = 1001
(>100
Ω - "R" is used to designate decimal)
Example: 10
Ω = 10R0; 0.25Ω = R250
Tolerance (EIA format)
J = ±5%
K = ±10%
RoHS - Compliance
LF = RoHS compliant construction
Packaging
BLK = bulk packaging
Ordering Data
CAF
2
1001
J
LF
BLK
Specify type, resistance, tolerance, RoHS-Compliance and
packaging. This example is for a Ceramic Axial Film, 2-watt,
1000
Ω resistor.
100
80
60
40
20
-55
0
50 100
Ambient Temperature (°C)
150 200 250 300
+70°C
+155°C
+275°C
Power Derating Curve
Heat Rise Chart
120
90
30
0
20
40
Rated load (%)
60
80
100
60
150
10W
7W
5W
Commercial Grade Axial Lead
Power Wirewound & Film
Resistor
CAW/CAF Series Issue August 2008 Sheet 3 of 3


Similar Part No. - CAF-2A

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
CAF-2.0-1.0 TALEMA-CAF-2.0-1.0 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-10 TALEMA-CAF-2.0-10 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-3.3 TALEMA-CAF-2.0-3.3 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-5.6 TALEMA-CAF-2.0-5.6 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-56 TALEMA-CAF-2.0-56 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
More results

Similar Description - CAF-2A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
Vishay Siliconix
MRP VISHAY-MRP Datasheet
87Kb / 3P
   Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
AMW VISHAY-AMW Datasheet
152Kb / 7P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CPW VISHAY-CPW Datasheet
99Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
CA VISHAY-CA Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
logo
IRC - a TT electronics ...
CVF21000JLFTR IRCTT-CVF21000JLFTR Datasheet
129Kb / 3P
   Commercial Grade Vertical Mount Power Wirewound & Film Resistors
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com