Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4413UPNPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHT4413UPNPT
Description  PNP&NPN Muti-Chip General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT4413UPNPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHT4413UPNPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT4413UPNPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT4413UPNPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT4413UPNPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHT4413UPNPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING CHARACTERISTIC CURVES ( CH857S )
Typical Pulsed Current Gain
vs Collector Current
0.01
0 .1
1
10
100
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 C
25 °C
- 40 °C
V
= 5V
CE
Collector-Emitter Saturation
Voltage vs Collector Curre nt
0.1
1
10
10 0
300
0
0.05
0. 1
0.15
0. 2
0.25
0. 3
I - COLLECTOR CURRE NT (mA)
C
25
°C
- 40
°C
125
°C
β = 10
°
TR2 CHT4403 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
2. Transistor mounted on an FR4 printed-circuit board.
TR1 CHT4401 CHARACTERISTICS
Tamb = 25 °C unless otherwise speciped.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
-40
V
VCEO
collector-emitter voltage
open base
-40
V
VEBO
emitter-base voltage
open collector
-5
IC
collector current (DC)
-600
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 2
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
V
I
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICEX
collector cut-off current
VEB(OFF) = 0.4V ; VCE = 35 V
100
nA
IBL
base cut-off current
C = 150 mA; VCE = 1V
IC = 500 mA; VCE = 2V
IC = 500 mA; IB = 50 mA
1200
mV
VBEsat
base-emitter saturation voltage
hfe
fT
transition frequency
IC = 20 mA; VCE = 10 V;
f = 100 MHz
250
MHz
V(BR)CBO
V(BR)CEO
V(BR)EBO
collector-base breakdown voltage
collector-emitter breakdown voltage
emitter-base breakdown voltage
output impedance
IC = 100uA ; IE = 0A
IC = 1mA ; IB = 0A
IE = 100uA ; IC = 0A
60
40
6
V
V
V
I
I
C = 100uA; VCE = 1V
20
IC = 1 mA; VCE = 1V
40
IC = 10 mA; VCE = 1V
80
hFE
DC current gain
VCEsat
collector-emitter saturation
IC = 150 mA; IB = 15 mA
950
mV
Ccb
output capacitance
Ceb
input capacitance
hie
hre
voltage feedback ratio
VEB(OFF) = 0.4V ; VCE = 35 V
100
nA
100
300
40
IC = 500 mA; IB = 50 mA
750
mV
IC = 150 mA; IB = 15 mA
400
mV
750
hoe
input impedance
small signal current gain
td
delay time
tr
rise time
ts
storage time
tf
fall time
VCB=5.0V; f=1.0MHZ; IE=0
VEB=0.5V; f=1.0MHZ; IC=0
6.5
20
pF
pF
VCE=10V; f=1.0KHZ; IC=1.0mA
1.0
0.1
40
1.0
15
8.0
500
30
µ
K
x10
S
-4
VCC=30V; IC=150mA
VBE(off)=2.0V; IB1=15mA
VCC=30V; IC=150mA
IB1=IB2=15mA
15
225
30
nS
nS
nS
nS
30


Similar Part No. - CHT4413UPNPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT4401N1PT CHENMKO-CHT4401N1PT Datasheet
131Kb / 4P
   NPN Switching Transistor
CHT4401PT CHENMKO-CHT4401PT Datasheet
134Kb / 6P
   NPN Switching Transistor
CHT4401SPT CHENMKO-CHT4401SPT Datasheet
165Kb / 4P
   NPN Switching Transistor
CHT4401TPT CHENMKO-CHT4401TPT Datasheet
248Kb / 6P
   NPN Switching Transistor
CHT4401WPT CHENMKO-CHT4401WPT Datasheet
285Kb / 4P
   NPN Switching Transistor
More results

Similar Description - CHT4413UPNPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH837UPNPT CHENMKO-CH837UPNPT Datasheet
150Kb / 5P
   PNP&NPN Muti-Chip General Purpose Transistor
CH847UPNPT CHENMKO-CH847UPNPT Datasheet
107Kb / 3P
   PNP&NPN Muti-Chip General Purpose Transistor
CH867UPNPT CHENMKO-CH867UPNPT Datasheet
149Kb / 5P
   PNP&NPN Muti-Chip General Purpose Transistor
CHT857BPT CHENMKO-CHT857BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT856BPT CHENMKO-CHT856BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BWPT CHENMKO-CHT857BWPT Datasheet
128Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT807PT CHENMKO-CHT807PT Datasheet
117Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BTPT CHENMKO-CHT857BTPT Datasheet
125Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CH857SPT CHENMKO-CH857SPT Datasheet
114Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT856BWPT CHENMKO-CHT856BWPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com