Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C512-25JE Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27C512-25JE
Description  TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C512-25JE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27C512-25JE Datasheet HTML 4Page - Texas Instruments TMS27C512-25JE Datasheet HTML 5Page - Texas Instruments TMS27C512-25JE Datasheet HTML 6Page - Texas Instruments TMS27C512-25JE Datasheet HTML 7Page - Texas Instruments TMS27C512-25JE Datasheet HTML 8Page - Texas Instruments TMS27C512-25JE Datasheet HTML 9Page - Texas Instruments TMS27C512-25JE Datasheet HTML 10Page - Texas Instruments TMS27C512-25JE Datasheet HTML 11Page - Texas Instruments TMS27C512-25JE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TMS27C512 65536 BY 8-BIT UV ERASABLE
TMS27PC512 65536 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS512G – NOVEMBER 1985 – REVISED SEPTEMBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of operating conditions
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C512-10
’27PC512-10
’27C512-12
’27PC512-12
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
ta(A)
Access time from address
100
120
ns
ta(E)
Access time from chip enable
CL = 100 pF,
100
120
ns
ten(G)
Output enable time from G /VPP
CL = 100 F,
1 Series 74 TTL Load,
55
55
ns
tdis
Output disable time from G /VPP or E, whichever occurs first†
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
45
0
45
ns
tv(A)
Output data valid time after change of address, E, or G /VPP,
whichever occurs first†
Input tf ≤ 20 ns
0
0
ns
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C512-15
’27PC512-15
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
ta(A)
Access time from address
150
ns
ta(E)
Access time from chip enable
CL = 100 pF,
150
ns
ten(G)
Output enable time from G /VPP
CL = 100 F,
1 Series 74 TTL Load,
75
ns
tdis
Output disable time from G /VPP or E, whichever occurs first†
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
ns
tv(A)
Output data valid time after change of address, E, or G /VPP, whichever
occurs first†
Input tf ≤ 20 ns
0
ns
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C512-20
’27PC512-20
’27C512-25
’27PC512-25
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
ta(A)
Access time from address
200
250
ns
ta(E)
Access time from chip enable
CL = 100 pF,
200
250
ns
ten(G)
Output enable time from G /VPP
CL = 100 F,
1 Series 74 TTL Load,
75
100
ns
tdis
Output disable time from G /VPP or E, whichever occurs first†
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
0
60
ns
tv(A)
Output data valid time after change of address, E, or G /VPP,
whichever occurs first†
Input tf ≤ 20 ns
0
0
ns
† Value calculated from 0.5 V delta to measured output level. This parameter is only sampled.
NOTES:
3. For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low (see Figure 2).
4. Common test conditions apply for tdis except during programming.
switching characteristics for programming: VCC = 6.50 V and G/VPP = 13 V (SNAP! Pulse),
TA = 25°C (see Note 3)
PARAMETER
MIN
MAX
UNIT
tdis(G)
Disable time, output from G /VPP
0
130
ns
NOTE 3: For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low.


Similar Part No. - TMS27C512-25JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C512-2JE TI-TMS27C512-2JE Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
TMS27C512-2JE4 TI-TMS27C512-2JE4 Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
TMS27C512-2JL TI-TMS27C512-2JL Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
More results

Similar Description - TMS27C512-25JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-20NL TI1-TMS27PC512-20NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC512-15NL TI-TMS27PC512-15NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS2716 TI-TMS2716 Datasheet
398Kb / 5P
[Old version datasheet]   2048-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS2708 TI-TMS2708 Datasheet
551Kb / 7P
[Old version datasheet]   1024-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com