Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT5988ZPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHT5988ZPT
Description  PNP Switching Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT5988ZPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHT5988ZPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT5988ZPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT5988ZPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(1)
CHT5988ZPT
(2)
CHENMKO ENTERPRISE CO.,LTD
(3)
SURFACE MOUNT
PNP Switching Transistor
VOLTAGE 60 Volts
CURRENT 5 Ampere
APPLICATION
* Small flat package. ( SC-73/SOT-223 )
FEATURE
* High current (Max.=5A).
Dimensions in millimeters
* Suitable for high packing density.
CONSTRUCTION
SC-73/SOT-223
* PNP Switching Transistor
SC-73/SOT-223
* DC/DC converters
* Supply line switching
2006-7
* Low voltage (Max.=60V) .
CIRCUIT
E
C
B
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
-100
V
VCEO
collector-emitter voltage
open base
-60
V
V
VEBO
emitter-base voltage
open collector
-6
IC
collector current (DC)
-5
0.90+0.05
A
6.50+0.20
I
1.65+0.15
CM
0.01~0.10
peak collector current
-15
A
IBM
peak base current
-1
A
Ptot
0.70+0.10
total po
0.70+0.10
w
0.70+0.10
er dissipation
Tamb
2.30+0.1
≤ 25 °C;
4.60+0.1
2.0
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
150
0.27+0.05
°C
Tamb
operating ambient temperature
3.00+0.10
−55
+150
°
2.0+0.3
C
0.9+0.2
1
2
3
1 Base
3 Collector ( Heat Sink )
2 Emitter
* Battery charger
* Driver in low supply voltage applications


Similar Part No. - CHT5988ZPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT5946PT CHENMKO-CHT5946PT Datasheet
147Kb / 3P
   VOLTAGE 50Volts CURRENT 5 Ampere
More results

Similar Description - CHT5988ZPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com