Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHTA29XPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHTA29XPT
Description  NPN Darlington Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHTA29XPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHTA29XPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHTA29XPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHTA29XPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
VOLTAGE 40 Volts
CURRENT 0.5 Ampere
APPLICATION
FEATURE
* High current , Ic=500mA
* Preamplifier input applications.
2007-06
CIRCUIT
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
40
V
VCEO
collector-emitter voltage
open base
30
V
V
VEBO
emitter-base voltage
open collector
10
IC
collector current (DC)
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Dimensions in millimeters
SC-62/SOT-89
SC-62/SOT-89
1.7MAX.
4.6MAX.
0.4+0.05
1.6MAX.
+0.08
0.45-0.05
+0.08
0.40-0.05
1.50+0.1
+0.08
0.40-0.05
1.50+0.1
NPN Darlington Transistor
1
2
3
1 Base
2 Collector ( Heat Sink )
3 Emitter
(3)
(1)
(2)
E
C
B
* High DC current gain , hFE>20000
MARKING
* T29
ICM
peak collector current
1000
mA
200
mA
IBM
peak base current


Similar Part No. - CHTA29XPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHTA27ZPT CHENMKO-CHTA27ZPT Datasheet
150Kb / 2P
   NPN SILICON Transistor
More results

Similar Description - CHTA29XPT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com