Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHTA64ZPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHTA64ZPT
Description  PNP SILICON Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHTA64ZPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHTA64ZPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHTA64ZPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
357
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
VCB = -30 V
-100
nA
IEBO
emitter cut-off current
VEB =- 10 V
-100
nA
IC = -10 mA; VCE = -5V
IC = -100 mA; VCE =-5V
10000
hFE
DC current gain
VCE(sat)
collector-emitter saturation
voltage
IC = -100 mA; IB = -0.1 mA
-1.5
VBE(ON)
base-emitter saturation voltage
IC=-100 mA; VCE=5-V
2
V
f T
transition frequency
IC = -10 mA; VCE = 5 V;
f = 100MHz
125
MHz
RATING CHARACTERISTIC CURVES ( CHTA64ZPT )
-
20000
V


Similar Part No. - CHTA64ZPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-400 ETC1-CHTA12-400 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-400PT ETC1-CHTA12-400PT Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-600 ETC1-CHTA12-600 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-600PT ETC1-CHTA12-600PT Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
More results

Similar Description - CHTA64ZPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com