Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHC-CD1065BLF-01-15R0G Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # CHC-CD1065BLF-01-15R0G
Description  Ceramic Ball Grid Termination Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHC-CD1065BLF-01-15R0G Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  CHC-CD1065BLF-01-15R0G Datasheet HTML 1Page - IRC - a TT electronics Company. CHC-CD1065BLF-01-15R0G Datasheet HTML 2Page - IRC - a TT electronics Company. CHC-CD1065BLF-01-15R0G Datasheet HTML 3Page - IRC - a TT electronics Company. CHC-CD1065BLF-01-15R0G Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CHC Series Issue April 2009 Sheet 4 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Ceramic Ball Grid
Termination Arrays
Prefix
CHC - CD0865
A - 01 - 51R1 - J
Model
CB0565 = 2 × 5, 0.65mm pitch array
CD0865 = 4 × 8, 0.65mm pitch array
CD1065 = 4 × 10, 0.65mm pitch array
CC0910 = 3 × 9, 1.0mm pitch array
CD0910 = 4 × 9, 1.0mm pitch array
Schematic
A = Isolated schematic with 60/40 Sn/Pb (0.65mm pitch) or 90/10 Sn/Pb (1.0mm pitch) terminations
ALF = Isolated schematic with RoHS compliant terminations
B = Bussed schematic with 60/40 Sn/Pb (0.65mm pitch) or 90/10 Sn/Pb (1.0mm pitch) terminations
BLF = Bussed schematic with RoHS compliant terminations
Absolute TCR Code
01 = ±100ppm/°C
Four Digit Resistance Code
Standard resistance values
10R0 = 10
Ω; 15R0 = 15Ω; 22R0 = 22Ω; 33R0 = 33Ω; 47R0 = 47Ω; 50R0 = 50Ω; 51R1 = 51.1Ω;
75R0 = 75
Ω; 1000 = 100Ω; 1001 = 1.00KΩ; 1002 = 10.0KΩ; 2201 = 2.20KΩ; 4701 = 4.70KΩ
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%
Ordering Data
0
5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
Average return loss for 0.65mm pitched bussed schematic for elements away from reference pins.
For example: CB0565B, reference pins are A3 or B3
Physical Data and Schematic Diagrams for 0.65mm Pitch Series
0.65mm
2.5mm
±0.1mm
0.38mm
0.64mm
D
C
B
A
D
C
B
A
±0.1mm
±0.1mm
0.35mm diameter
solder bumps
0.275mm ±0.1mm
0.65mm
6.4mm
±0.1mm
1
2
3
9
8
7
6
5
4
10
CD1065A isolated schematic
(view from top)
CD1065B bussed schematic
(view from top)
1
2
3
4
5
6
7
8
9
10
D
C
B
A
1
2
3
4
5
6
7
8
9
10
D
C
B
A
1
2
3
4
5
6
7
8
D
C
B
A
1
2
3
4
5
6
7
8
D
C
B
A
0.65mm
2.5mm
±0.1mm
0.381mm
±0.1mm
D
C
B
A
0.643mm
±0.1mm
0.35mm diameter
solder bumps
0.275mm
±0.1mm
0.65mm
5.1mm
±0.1mm
1
2
3
8
7
6
5
4
CD0865A isolated schematic
(view from top)
CD0865B bussed schematic
(view from top)
0.65mm
1.2mm
±0.1mm
0.38mm
±0.1mm
B
A
0.64mm
±0.1mm
0.35mm diameter
solder bumps
0.275mm
±0.1mm
0.65mm
3.2mm
±0.1mm
1
2
3
5
4
1
2
3
4
5
B
A
B
A
CB0565A isolated schematic
(view from top)
CB0565B bussed schematic
(view from top)
Note: Contact A1 indicator marked with dot on top of part. Coplanarity between solder bumps 0.06mm.


Similar Part No. - CHC-CD1065BLF-01-15R0G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHC-CD0927K-01-4750 IRCTT-CHC-CD0927K-01-4750 Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
CHC-CD0927KLF-01-4750 IRCTT-CHC-CD0927KLF-01-4750 Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
More results

Similar Description - CHC-CD1065BLF-01-15R0G

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC TTELEC-CHC_17 Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
IRC - a TT electronics ...
CHC-PRECISION IRCTT-CHC-PRECISION Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
TT Electronics.
CHC-CH8A-03-1002-BB TTELEC-CHC-CH8A-03-1002-BB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
   ball grid array (bga) resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com