Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS32025 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS32025
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS32025 Datasheet(HTML) 4 Page - Texas Instruments

  TMS32025 Datasheet HTML 1Page - Texas Instruments TMS32025 Datasheet HTML 2Page - Texas Instruments TMS32025 Datasheet HTML 3Page - Texas Instruments TMS32025 Datasheet HTML 4Page - Texas Instruments TMS32025 Datasheet HTML 5Page - Texas Instruments TMS32025 Datasheet HTML 6Page - Texas Instruments TMS32025 Datasheet HTML 7Page - Texas Instruments TMS32025 Datasheet HTML 8Page - Texas Instruments TMS32025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
TMS320 SECOND-GENERATION
DEVICES
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
4
Key Features: TMS32020
200-ns Instruction Cycle Time
544 Words of On-Chip Data RAM
128K Words of Total Data/Program
Memory Space
Wait States for Communication to Slower Off-Chip
Memories
Source Code Compatible With the TMS320C1x
Single-Cycle Multiply/Accumulate Instructions
Repeat Instructions
Global Data Memory Interface
Block Moves for Data/Program Management
Five Auxiliary Registers With Dedicated
Arithmetic Unit
Serial Port for Multiprocessing or Interfacing
to Codecs, Serial Analog-to-Digital
Converters, etc.
Key Features: TMS320C25, TMS320C25-50, TMS320E25
80-ns Instruction Cycle Time (TMS320C25-50)
100-ns Instruction Cycle Time (TMS320C25)
4K Words of On-Chip Secure Program EPROM
(TMS320E25)
4K Words of On-Chip Program
ROM (TMS320C25)
544 Words of On-Chip RAM
128K Words of Total Program/Data
Memory Space
Wait States for Communications to
Slower Off-Chip Memories
Object-Code Compatible With the TMS32020
Source-Code Compatible With TMS320C1x
24 Additional Instructions to Support
Adaptive Filtering, FFTs, and
Extended-Precision Arithmetic
Block Moves for Data/Program Management
Single-Cycle Multiply/Accumulate Instructions
Eight Auxiliary Registers With Dedicated
Arithmetic Unit
Bit-Reversed Indexed-Addressing Mode for
Radix-2 FFTS
Double-Buffered Serial Port
On-Chip Clock Generator
Single 5-V Supply
NMOS Technology
68-Pin Grid Array (PGA) Package
On-Chip Clock Generator
Single 5-V Supply
Internal Security Mechanism (TMS320E25)
68-to-28 Pin Conversion Adapter Socket
CMOS Technology
68-Pin Grid Array (PGA) Package
(TMS320C25)
68-Lead Plastic Leaded Chip Carrier (PLCC)
Package (TMS320C25, TMS320C25-50)
68-Lead CER-QUAD Package (TMS320E25)
Multiplier
32-BIT ALU/ACC
Shifters
Timer
Interrupts
Data (16)
Address (16)
+5 V
GND
32-Bit ALU/ACC
Shifters
Timer
MP/MC
Data (16)
Address (16)
+5 V
GND
4K-Words
ROM/EPROM
Multiplier
256-Word
Data/Prog
RAM
288-Word
Data
RAM
Interrupts
Serial
Interface
Multi-
Processor
Interface
Serial
Interface
Multi-
Processor
Interface
256-Word
Data/Prog
RAM
288-Word
Data
RAM


Similar Part No. - TMS32025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS32020 TI-TMS32020 Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results

Similar Description - TMS32025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C25FNL50 TI-TMS320C25FNL50 Datasheet
555Kb / 70P
[Old version datasheet]   TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS320 TI1-TMS320_13 Datasheet
544Kb / 70P
[Old version datasheet]   TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com