Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320E17 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320E17
Description  DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320E17 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320E17 Datasheet HTML 1Page - Texas Instruments TMS320E17 Datasheet HTML 2Page - Texas Instruments TMS320E17 Datasheet HTML 3Page - Texas Instruments TMS320E17 Datasheet HTML 4Page - Texas Instruments TMS320E17 Datasheet HTML 5Page - Texas Instruments TMS320E17 Datasheet HTML 6Page - Texas Instruments TMS320E17 Datasheet HTML 7Page - Texas Instruments TMS320E17 Datasheet HTML 8Page - Texas Instruments TMS320E17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
5
architecture
The
′C1x DSPs use a modified Harvard architecture for speed and flexibility. In a strict Harvard architecture,
program and data memory lie in two separate spaces, permitting a full overlap of instruction fetch and one-cycle
execution. The
′C1x DSPs modification allows transfers between program and data spaces, thereby increasing
the flexibility of the device. This modification permits coefficients stored in program memory to be read into the
RAM, eliminating the need for a separate coefficient ROM.
32-bit accumulator
All
′C1x devices contain a 32-bit ALU and accumulator for support of double-precision, twos-complement
arithmetic. The ALU is a general-purpose arithmetic unit that operates on 16-bit words taken from the data RAM
or derived from immediate instructions. In addition to the usual arithmetic instructions, the ALU can perform
Boolean operations, providing the bit manipulation ability required of a high-speed controller. The accumulator
stores the output from the ALU and is often an input to the ALU. It operates with a 32-bit word length. The
accumulator is divided into a high-order word (bits 31 through 16) and a low-order word (bits 15 through 0).
Instructions are provided for storing the high- and low-order accumulator words in memory.
shifters
Two shifters are available for manipulating data. The ALU barrel shifter performs a left-shift of 0 to 16 places
on data memory words loaded into the ALU. This shifter extends the high-order bit of the data word and zero-fills
the low-order bits for twos-complement arithmetic. The accumulator parallel shifter performs a left-shift of 0, 1
or 4 places on the entire accumulator and places the resulting high-order accumulator bits into data RAM. Both
shifters are useful for scaling and bit extraction.
16
× 16-bit parallel multiplier
The multiplier performs a 16
× 16-bit twos-complement multiplication with a 32-bit result in a single instruction
cycle. The multiplier consists of three units: the T Register, P Register, and a multiplier array. The 16-bit T
Register stores the multiplicand, and the P Register stores the 32-bit product. Multiplier values either come from
the data memory or are derived immediately from the MPYK (multiply immediate) instruction word. The fast
on-chip multiplier allows the device to perform fundamental operations such as convolution, correlation, and
filtering.
data and program memory
Since the
′C1x devices use a Harvard type architecture, data and program memory reside in two separate
spaces. These DSP devices have 144-or 256-words of on-chip data RAM and 1.5K- to 8K-words of on-chip
program ROM. On-chip program EPROM of 4K-words is provided in the
′E14/E15/E17 devices. An on-chip
one-time programmable 4K-word EPROM is provided in the
′P14/P15/P17 devices. The EPROM cell utilizes
standard PROM programmers and is programmed identically to a 64K CMOS EPROM (TMS27C64).
(Reference Table 1.)
program memory expansion
All
′C1x devices except the ′C17/E17/LC17/P17 devices are capable of executing from off-chip external memory
at full speed for those applications requiring external program memory space. This allows for external
RAM-based systems to provide multiple functionality. The
′C17/E17/LC17/P17 devices provide no external
memory expansion. (Reference Table 1.)
microcomputer/microprocessor operating modes
All devices except the
′x17 offer two modes of operation defined by the state of the MC/MP pin: the
microcomputer mode (MC/MP = 1) or the microprocessor mode (MC/MP = 0 ). In the microcomputer mode,
on-chip ROM is mapped into the program memory space. In the microprocessor mode, all words of progam
memory are external.


Similar Part No. - TMS320E17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320E17 TI1-TMS320E17 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320E17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com