Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHC-CH4ALF-02-1002-G-D Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CHC-CH4ALF-02-1002-G-D
Description  Precision Ceramic Ball Grid Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHC-CH4ALF-02-1002-G-D Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CHC-CH4ALF-02-1002-G-D Datasheet HTML 1Page - IRC - a TT electronics Company. CHC-CH4ALF-02-1002-G-D Datasheet HTML 2Page - IRC - a TT electronics Company. CHC-CH4ALF-02-1002-G-D Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Schematic CH4A
(View from top)
Schematic CH8A
(View from top)
L
0.250
±0.003
A1
0.025
±0.003
0.058
±0.005
99.6%
Alumina
Substrate
0.030
″ ±0.002
10/90 Sn/Pb solder balls
0.025
±0.010
0.050
±0.010
0.200
±0.010
E*
A
12
N
(View from top)
(View from bottom)
Physical and Schematic Data
Number of Columns N
Length L
4
0.200
″ ±0.003
8
0.400
″ ±0.003
*Rows B, C and D not populated
Precision Ceramic
Ball Grid Arrays
CHC-Precision Series Issue May 2009 Sheet 2 of 3


Similar Part No. - CHC-CH4ALF-02-1002-G-D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC-CH4ALF-02-1002-GA TTELEC-CHC-CH4ALF-02-1002-GA Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-02-1002-GB TTELEC-CHC-CH4ALF-02-1002-GB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-02-1002-GD TTELEC-CHC-CH4ALF-02-1002-GD Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-02-1002-GF TTELEC-CHC-CH4ALF-02-1002-GF Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
More results

Similar Description - CHC-CH4ALF-02-1002-G-D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC-CH8A-03-1002-BB TTELEC-CHC-CH8A-03-1002-BB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC TTELEC-CHC_17 Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
IRC - a TT electronics ...
CHC IRCTT-CHC Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Vishay Siliconix
PRA100 VISHAY-PRA100 Datasheet
249Kb / 4P
   High Precision Resistor Arrays
Revision: 23-Jan-07
PR100 VISHAY-PR100 Datasheet
111Kb / 4P
   High Precision Resistor Arrays
Revision: 10-Apr-08
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
   PRECISION THIN FILM CHIP ARRAYS
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com