Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2472CDGNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2472CDGNR
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2472CDGNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2472CDGNR Datasheet HTML 7Page - Texas Instruments TLV2472CDGNR Datasheet HTML 8Page - Texas Instruments TLV2472CDGNR Datasheet HTML 9Page - Texas Instruments TLV2472CDGNR Datasheet HTML 10Page - Texas Instruments TLV2472CDGNR Datasheet HTML 11Page - Texas Instruments TLV2472CDGNR Datasheet HTML 12Page - Texas Instruments TLV2472CDGNR Datasheet HTML 13Page - Texas Instruments TLV2472CDGNR Datasheet HTML 14Page - Texas Instruments TLV2472CDGNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD - Supply Voltage - V
AV= 1
SHDN= VDD
Per Channel
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA=125°C
TA=85°C
TA=25°C
TA=-40°C
30
40
50
60
70
80
90
100
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f - Frequency - Hz
10
100
1k
10k
100k
1M
10M
VDD=3 & 5 V
RF=5 kΩ
RI=50 Ω
TA=25°C
PSRR+
PSRR -
Figure 11
Figure 12
50
60
70
80
90
100
110
120
130
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
100k
1M
10M
VDD=5 V
VIC=2.5 V
VDD=3 V
VIC=1.5 V
Figure 13
0
10
20
30
40
50
60
70
80
EQUIVALENT NOISE VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
1k
10k
100k
10
100
VDD=3 & 5 V
AV= 10
VIN= VDD/2
TA=25°C
Figure 14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
1M
10k
100k
VO(PP)=5 V
VO(PP)=3 V
THD+N
≤ 2.0%
RL=10 kΩ
TA=25°C
Figure 15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
1M
10k
100k
VO(PP)=3 V
VO(PP)=5 V
THD+N
≤ 2.0%
RL=600 Ω
TA=25°C
Figure 16
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
Frequency - Hz
100
1k
10k
100k
20
0
-40
-20
60
40
80
100
- 135
- 180
- 270
- 225
-45
-90
0
45
1M
10M
100M
VDD=±3
RL=600 Ω
CL=0
TA=25°C
Figure 17
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
Frequency - Hz
100
1k
10k
100k
20
0
-40
-20
60
40
80
100
- 135
- 180
- 270
- 225
-45
-90
0
45
1M
10M
100M
VDD=±5
RL=600 Ω
CL=0
TA=25°C


Similar Part No. - TLV2472CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2472CDGNR TI-TLV2472CDGNR Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNR TI-TLV2472CDGNR Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNR TI1-TLV2472CDGNR Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNRG4 TI-TLV2472CDGNRG4 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNRG4 TI-TLV2472CDGNRG4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2472CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV247X-Q1 TI-TLV247X-Q1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV247X-Q1 TI1-TLV247X-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com