Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHUMF4PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHUMF4PT
Description  Power Management (Dual Transistor)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHUMF4PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHUMF4PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHUMF4PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHUMF4PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHUMF4PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHUMF4PT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CHUMF4PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
Power Management (Dual Transistor)
APPLICATION
FEATURE
* Small surface mounting type. (SC-88/SOT-363)
* Power switching circuit in a single package.
* Power management circuit
* Mounting cost and area can be cut in half.
* Both the 2SA2018 & CHDTC123E in one package.
* Built in bias resistor(R1=2.2k
Ω, Typ. )
CIRCUIT
SC-88/SOT-363
2SA2018 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
Collector-base voltage
-15
V
VCEO
-12
V
IC
-500
ICP
DC Output current
-1000
mA
P c
power dissipation
150
mW
TSTG
Storage temperature
−55
+150
OC
TJ
Junction temperature
150
OC
VEBO
Collector-emitter voltage
Emitter-base voltage
-6
V
NOTE.1
NOTE.2
1. Single Pulse Pw=1ms
2. 120mW per element must not be exceeded
Each teminal mounted on a recommended land.
1
3
6
4
R2
R1
Tr1:VOLTAGE 12 Volts
CURRENT 0.5 Ampere
DTr2:VOLTAGE 50 Volts
CURRENT 100 mAmpere
Tr1
DTr2
Dimensions in millimeters
SC-88/SOT-363
0.8~1.1
0.08~0.15
0~0.1
2.15~2.45
0.1 Min.
0.65
0.65
1.2~1.4
2.0~2.2
0.15~0.35
1.15~1.35
(1)
(3)
(6)
(4)


Similar Part No. - CHUMF4PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMF17PT CHENMKO-CHUMF17PT Datasheet
152Kb / 4P
   Power Management (Dual Transistor)
CHUMF18PT CHENMKO-CHUMF18PT Datasheet
129Kb / 4P
   Power Management (Dual Transistor)
CHUMF19PT CHENMKO-CHUMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHUMF20PT CHENMKO-CHUMF20PT Datasheet
156Kb / 4P
   Power Management (Dual Transistor)
CHUMF21PT CHENMKO-CHUMF21PT Datasheet
137Kb / 5P
   Power Management (Dual Transistor)
More results

Similar Description - CHUMF4PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMF21PT CHENMKO-CHUMF21PT Datasheet
137Kb / 5P
   Power Management (Dual Transistor)
CHUMF24PT CHENMKO-CHUMF24PT Datasheet
157Kb / 4P
   Power Management (Dual Transistor)
CHEMF19PT CHENMKO-CHEMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHEMF21PT CHENMKO-CHEMF21PT Datasheet
147Kb / 5P
   Power Management (Dual Transistor)
CHUMF22PT CHENMKO-CHUMF22PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF5PT CHENMKO-CHUMF5PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF7PT CHENMKO-CHUMF7PT Datasheet
157Kb / 5P
   Power Management (Dual Transistor)
CHUMF17PT CHENMKO-CHUMF17PT Datasheet
152Kb / 4P
   Power Management (Dual Transistor)
CHUMF20PT CHENMKO-CHUMF20PT Datasheet
156Kb / 4P
   Power Management (Dual Transistor)
CHUMF23PT CHENMKO-CHUMF23PT Datasheet
128Kb / 4P
   Power Management (Dual Transistor)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com