Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LF2402 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320LF2402
Description  DSP CONTROLLERS
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2402 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320LF2402 Datasheet HTML 1Page - Texas Instruments TMS320LF2402 Datasheet HTML 2Page - Texas Instruments TMS320LF2402 Datasheet HTML 3Page - Texas Instruments TMS320LF2402 Datasheet HTML 4Page - Texas Instruments TMS320LF2402 Datasheet HTML 5Page - Texas Instruments TMS320LF2402 Datasheet HTML 6Page - Texas Instruments TMS320LF2402 Datasheet HTML 7Page - Texas Instruments TMS320LF2402 Datasheet HTML 8Page - Texas Instruments TMS320LF2402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
TMS320LC2406, TMS320LC2404, TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D High-Performance Static CMOS Technology
– 33-ns Instruction Cycle Time (30 MHz)
– 30 MIPS Performance
– Low-Power 3.3-V Design
D Based on T320C2xx DSP CPU Core
– Code-Compatible With ’F243/’F241/’C242
– Instruction Set and Module Compatible
With ’F240/’C240
– Source-Code-Compatible With
TMS320C1x/2x
D Flash (LF) and ROM (LC) Device Options
– ’LF240x: ’LF2407, ’LF2406, ’LF2402
– ’LC240x: ’LC2406, ’LC2404, ’LC2402
D On-Chip Memory
– Up to 32K Words x 16 Bits of Flash
EEPROM (4 Sectors) or ROM
– Up to 2.5K Words x 16 Bits of
Data/Program RAM
– 544 Words of Dual-Access (DARAM)
– 2K Words of Single-Access (SARAM)
D Boot ROM (’LF240x Devices)
– SCI/SPI Flash Bootloader
D Two Event-Manager (EV) Modules (A and B)
EVA and EVB Each Include:
– Two 16-Bit General-Purpose Timers
– Eight 16-Bit Pulse-Width Modulation
(PWM) Channels Which Enable:
– Three-Phase Inverter Control
– Centered or Edge Alignment of PWM
Channels
– Emergency PWM Channel Shutdown
With External PDPINT Pin
– Programmable Deadband Prevents
Shoot-Through Faults
– Three Capture Units For Time-Stamping
of External Events
– On-Chip Position Encoder Interface
Circuitry
– Synchronized Analog-to-Digital
Conversion
– Suitable for AC Induction, BLDC,
Switched Reluctance, and Stepper Motor
Control
– Applicable for Multiple Motor and/or
Converter Control
D External Memory Interface (’LF2407)
– 192K Words x 16 Bits of Total Memory,
64K Program, 64K Data, 64K I/O
D Watchdog (WD) Timer Module
D 10-Bit Analog-to-Digital Converter (ADC)
– 8 or 16 Multiplexed Input Channels
– 500 ns Minimum Conversion Time
– Selectable Twin 8-Input Sequencers
Triggered by Two Event Managers
D Controller Area Network (CAN) 2.0B Module
D Serial Communications Interface (SCI)
D 16-Bit Serial Peripheral Interface (SPI)
Module (Except ’x2402)
D Phase-Locked-Loop (PLL)-Based Clock
Generation
D Up to 40 Individually Programmable,
Multiplexed General-Purpose Input / Output
(GPIO) Pins
D Five External Interrupts (Power Drive
Protection, Reset, and Two Maskable
Interrupts)
D Power Management:
– Three Power-Down Modes
– Ability to Power-Down Each Peripheral
Independently
D Real-Time JTAG-Compliant Scan-Based
Emulation, IEEE Standard 1149.1(JTAG)
D Development Tools Include:
– Texas Instruments (TI
™) ANSI
C Compiler, Assembler / Linker, and
Code Composer
™ Debugger
– Evaluation Modules
– Scan-Based Self-Emulation (XDS510
™)
– Numerous Third-Party Digital Motor
Control Support
D Package Options
– 144-Pin Thin Quad Flatpack (TQFP) PGE
(’LF2407)
– 100-Pin TQFP PZ (’LC2404, ’LC2406,
’LF2406)
– 64-Pin PQFP PG (’LC2402 and ’LF2402)
D Extended Temperature Options (A and S)
– A: – 40
°C to 85°C
– S: – 40
°C to 125°C
Copyright
© 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI, Code Composer, and XDS510 are trademarks of Texas Instruments Incorporated.
† Throughout this data sheet, ’240x is used as a generic name for the ’LF240x/’LC240x family of devices.
‡ IEEE Standard 1149.1–1990, IEEE Standard Test-Access Port
ADVANCE INFORMATION concerns new products in the sampling or
preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - TMS320LF2402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LF2402 TI-TMS320LF2402 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402 TI-TMS320LF2402 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402 TI1-TMS320LF2402 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402A TI-TMS320LF2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402A TI-TMS320LF2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320LF2402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com