Electronic Components Datasheet Search |
|
TMS320LF2402 Datasheet(PDF) 2 Page - Texas Instruments |
|
TMS320LF2402 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 106 page TMS320LF2407, TMS320LF2406, TMS320LF2402 TMS320LC2406, TMS320LC2404, TMS320LC2402 DSP CONTROLLERS SPRS094C – APRIL 1999 – REVISED OCTOBER 1999 2 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 Description 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TMS320x240x Device Summary 3 . . . . . . . . . . . . . . . . . . . Functional Block Diagram of the ’2407 DSP Controller 4 Pin Functions 8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Memory Maps 15 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peripheral Memory Map of the ’LF240x/’LC240x 21 . . . . Device Reset and Interrupts 22 . . . . . . . . . . . . . . . . . . . . . TMS320x240x Instruction Set 26 . . . . . . . . . . . . . . . . . . . . Functional Block Diagram of the ’240x DSP CPU 27 . . . Peripherals 36 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Event Manager Modules (EVA, EVB) 36 . . . . . . . . . . . . Enhanced Analog-to-Digital Converter (ADC) Module 40 . . . . . . . . . . . . . . . . . . . . . . . . . . . . Controller Area Network (CAN) Module 41 . . . . . . . . . . Serial Communications Interface (SCI) Module 44 . . . . Serial Peripheral Interface (SPI) Module 46 . . . . . . . . . . PLL-Based Clock Module 48 . . . . . . . . . . . . . . . . . . . . . . Digital I/O and Shared Pin Functions 51 . . . . . . . . . . . . . External Memory Interface (’LF2407) 54 . . . . . . . . . . . . Watchdog (WD) Timer Module 55 . . . . . . . . . . . . . . . . . . Development Support 58 . . . . . . . . . . . . . . . . . . . . . . . . . . . Documentation Support 61 . . . . . . . . . . . . . . . . . . . . . . . . . Absolute Maximum Ratings 62 . . . . . . . . . . . . . . . . . . . . . . Recommended Operating Conditions 62 . . . . . . . . . . . . . Peripheral Register Description 90 . . . . . . . . . . . . . . . . . . . Mechanical Data 103 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Table of Contents description The TMS320LF240x and TMS320LC240x devices, new members of the ’24x family of digital signal processor (DSP) controllers, are part of the C2000 platform of fixed-point DSPs. The ’240x devices offer the enhanced TMS320 architectural design of the ’C2xx core CPU for low-cost, low-power, high-performance processing capabilities. Several advanced peripherals, optimized for digital motor and motion control applications, have been integrated to provide a true single chip DSP controller. While code-compatible with the existing ’24x DSP controller devices, the ’240x offers increased processing performance (30 MIPS) and a higher level of peripheral integration. See the TMS320x240x device summary section for device-specific features. The ’240x family offers an array of memory sizes and different peripherals tailored to meet the specific price/performance points required by various applications. Flash-based devices of up to 32K words offer a reprogrammable solution useful for: – Applications requiring field programmability upgrades – Development and initial prototyping of applications that migrate to ROM-based devices Flash devices and corresponding ROM devices are fully pin-to-pin compatible. Note that flash-based devices contain a 256-word boot ROM to facilitate in-circuit programming. All ’240x devices offer at least one event manager module which has been optimized for digital motor control and power conversion applications. Capabilities of this module include centered- and/or edge-aligned PWM generation, programmable deadband to prevent shoot-through faults, and synchronized analog-to-digital conversion. Devices with dual event managers enable multiple motor and/or converter control with a single ’240x DSP controller. The high performance, 10-bit analog-to-digital converter (ADC) has a minimum conversion time of 500 ns and offers up to 16 channels of analog input. The auto sequencing capability of the ADC allows a maximum of 16 conversions to take place in a single conversion session without any CPU overhead. A serial communications interface (SCI) is integrated on all devices to provide asynchronous communication to other devices in the system. For systems requiring additional communication interfaces; the ’2407, ’2406, and ’2404 offer a 16-bit synchronous serial peripheral interface (SPI). The ’2407 and ’2406 offer a controller area network (CAN) communications module that meets 2.0B specifications. To maximize device flexibility, functional pins are also configurable as general purpose inputs/outputs (GPIO). To streamline development time, JTAG-compliant scan-based emulation has been integrated into all devices. This provides non-intrusive real-time capabilities required to debug digital control systems. A complete suite of code generation tools from C compilers to the industry-standard Code Composer debugger supports this family. Numerous third party developers not only offer device-level development tools, but also system-level design and development support. |
Similar Part No. - TMS320LF2402 |
|
Similar Description - TMS320LF2402 |