Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C10NA Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C10NA
Description  DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10NA Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C10NA Datasheet HTML 1Page - Texas Instruments TMS320C10NA Datasheet HTML 2Page - Texas Instruments TMS320C10NA Datasheet HTML 3Page - Texas Instruments TMS320C10NA Datasheet HTML 4Page - Texas Instruments TMS320C10NA Datasheet HTML 5Page - Texas Instruments TMS320C10NA Datasheet HTML 6Page - Texas Instruments TMS320C10NA Datasheet HTML 7Page - Texas Instruments TMS320C10NA Datasheet HTML 8Page - Texas Instruments TMS320C10NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
© 1991, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of
publication date. Products conform to specifications
per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include
testing of all parameters.
Performance Up to 8.77 MIPs
All TMS320C1x Devices are Object Code
Compatible
144/256-Word On-Chip Data RAM
1.5K/4K/8K-Word On-Chip Program ROM
4K-Word On-Chip Program EPROM
(TMS320E14/P14/E15/P15/E17/P17)
One-Time Programmable (OTP)
Versions Available (TMS320P14/P15/P17)
EPROM Code Protection for Copyright
Security
4K / 64K-Word Total External Memory at
Full Speed
32-Bit ALU/Accumulator
16 × 16-Bit Multiplier With a 32-Bit Product
0 to 16-Bit Barrel Shifter
Eight Input/Output Channels
Dual-Channel Serial Port
Simple Memory and I/O Interface
5-V and 3.3-V Versions Available
(TMS320LC15/LC17)
Commercial and Military Versions Available
Operating Free-Air Temperature
. . . 0
°C to 70°C
Packaging: DIP, PLCC, Quad Flatpack, and
CER-QUAD
CMOS Technology:
Device
Cycle Time
— TMS320C10
200-ns
. . . . . . . . . . . . . . . . . . .
— TMS320C10-14
280-ns
. . . . . . . . . . . . . . . .
— TMS320C10-25
160-ns
. . . . . . . . . . . . . . . .
— TMS320C14
160-ns
. . . . . . . . . . . . . . . . . . .
— TMS320E14
160-ns
. . . . . . . . . . . . . . . . . . .
— TMS320P14
160-ns
. . . . . . . . . . . . . . . . . . .
— TMS320C15
200-ns
. . . . . . . . . . . . . . . . . . .
— TMS320C15-25
160-ns
. . . . . . . . . . . . . . . .
— TMS320E15
200-ns
. . . . . . . . . . . . . . . . . . .
— TMS320E15-25
160-ns
. . . . . . . . . . . . . . . .
— TMS320LC15
250-ns
. . . . . . . . . . . . . . . . . .
— TMS320P15
200-ns
. . . . . . . . . . . . . . . . . . .
— TMS320C16
114-ns
. . . . . . . . . . . . . . . . . . .
— TMS320C17
200-ns
. . . . . . . . . . . . . . . . . . .
— TMS320E17
200-ns
. . . . . . . . . . . . . . . . . . .
— TMS320LC17
278-ns
. . . . . . . . . . . . . . . . . .
— TMS320P17
200-ns
. . . . . . . . . . . . . . . . . . .
introduction
The TMS32010 digital signal processor (DSP), introduced in 1983, was the first DSP in the TMS320 family. From
it has evolved this TMS320C1x generation of 16-bit DSPs. All
′C1x DSPs are object code compatible with the
TMS32010 DSP. The
′C1x DSPs combine the flexibility of a high-speed controller with the numerical capability
of an array processor, thereby offering an inexpensive alternative to multichip bit-slice processors. The highly
paralleled architecture and efficient instruction set provide speed and flexibility to produce a CMOS
microprocessor generation capable of executing up to 8.77 MIPS (million instructions per second) (
′C16). These
′C1x devices utilize a modified Harvard architecture to optimize speed and flexibility, implementing functions in
hardware that other processors implement through microcode or software.
The
′C1x generation’s powerful instruction set, inherent flexibility, high-speed number-handling capabilities,
reduced power consumption, and innovative architecture have made these cost-effective DSPs the ideal
solution for many telecommunications, computer, commercial, industrial, and military applications.
This data sheet provides detailed design documentation for the
′C1x DSPs. It facilitates the selection of devices
best suited for various user applications by providing specifications and special features for each
′C1x DSP.
This data sheet is arranged as follows: introduction, quick reference table of device parameters and packages,
summary overview of each device, architecture overview, and the
′C1x device instruction set summary. These
are followed by data sheets for each
′C1x device providing available package styles, terminal function tables,
block diagrams, and electrical and timing parameters. An index is provided to facilitate data sheet usage.


Similar Part No. - TMS320C10NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C10NA TI1-TMS320C10NA Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C10NA TI1-TMS320C10NA Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C10NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com