Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C10NA Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C10NA
Description  DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10NA Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C10NA Datasheet HTML 1Page - Texas Instruments TMS320C10NA Datasheet HTML 2Page - Texas Instruments TMS320C10NA Datasheet HTML 3Page - Texas Instruments TMS320C10NA Datasheet HTML 4Page - Texas Instruments TMS320C10NA Datasheet HTML 5Page - Texas Instruments TMS320C10NA Datasheet HTML 6Page - Texas Instruments TMS320C10NA Datasheet HTML 7Page - Texas Instruments TMS320C10NA Datasheet HTML 8Page - Texas Instruments TMS320C10NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 146 page
background image
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
3
description
TMS320C10
The
′C10 provides the core CPU used in all other ′C1x devices. Its microprocessor operates at 5 MIPS. It
provides a parallel I/O of 8
× 16 bits. Three versions with cycle times of 160, 200, and 280 ns are available as
illustrated in Table 1. The
′C10 versions are offered in plastic 40-pin DIP or a 44-lead PLCC packages.
TMS320C14/E14/P14
The
′C14/E14/P14 devices, using the ′C10 core CPU, offer expanded on-chip RAM, and ROM or EPROM
(
′E14/P14), 16 pins of bit selectable parallel I/O, an I/O mapped asynchronous serial port, four 16-bit timers, and
external/internal interrupts. The
′C14 devices can provide for microcomputer/microprocessor operating modes.
Three versions with cycle times of 160-ns are available as illustrated in Table 1. These devices are offered in
68-pin plastic PLCC or ceramic CER-QUAD packages.
TMS320C15/E15/P15
The
′C15/E15/P15 devices are a version of the ′C10, offering expanded on-chip RAM, and ROM or EPROM
(
′E15/P15). The ′P15 is a one-time programmable (OTP), windowless EPROM version. These devices can
operate in the microcomputer or microprocessor modes. Five versions are available with cycle times of 160 to
200 ns (see Table 1). These devices are offered in 40-pin DIP, 44-pin PLCC, or 44-pin ceramic packages.
TMS320LC15
The
′LC15 is a low-power version of the ′C15, utilizing a VDD of only 3.3-V. This feature results in a 2.3: 1 power
requirement reduction over the typical 5-V
′C1x device. It operates at a cycle time of 250 ns. The device is offered
in 40-pin DIP or 44-lead PLCC packages.
TMS320C16
The
′C16 offers on-chip RAM of 256-words, an expanded program memory of 64K-words, and a fast instruction
cycle time of 114 ns (8.77 MIPS). It is offered in a 64-pin quad flat-pack package.
TMS320C17/E17/P17
The
′C17/E17/P17 versions consist of five major functional units: the ′C15 microcomputer, a system control
register, a full-duplex dual channel serial port,
µ-law/A-law companding hardware, and a coprocessor port. The
dual-channel serial port is capable of full-duplex serial communication and offers direct interface to two
combo-codecs. The hardware companding logic can operate in either
µ-law or A-law format with either
sign-magnitude or twos complement numbers in either serial or parallel modes. The coprocessor port allows
the
′C17/E17/P17 to act as a slave microcomputer or as a master to a peripheral microcomputer.
The
′P17 utilizes a one-time programmable (OTP) windowless EPROM version of the ′E17.
TMS320LC17
The
′LC17 is a low-power version of the ′C17, utilizing a VDD of only 3.3-V. This feature results in a
2.3: 1 power requirement reduction over the typical 5-V
′C1x device. It operates at a cycle time of 278 ns.


Similar Part No. - TMS320C10NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C10NA TI1-TMS320C10NA Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C10NA TI1-TMS320C10NA Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C10NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com