Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM11PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # FSM11PT
Description  FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

FSM11PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  FSM11PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. FSM11PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( FSM11PT THRU FSM17PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
REVERSE VOLTAGE, ( V )
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE, ( V )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
NONINDUCTIVE
NONINDUCTIVE
D.U.T
( + )
25 Vdc
(approx)
( - )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
( - )
( + )
NOTES: 1. Rise Time = 7 ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10 ns max. Source Impedlance=
50 ohms.
+0.5A
0
-0.25A
-1.0A
trr
1cm
SET TIME BASE FOR
50/100 nS/cm
LEAD TEMPERATURE (
OC )
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
1.50
1.00
.25
.50
.75
1.25
0
25
0
50 75 100 125 150 175
10
1.0
0.1
.01
0
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
TJ =25
oC
TJ =25
oC
TJ =100
oC
.01
.1
.4
.04
1.0
4.0
10
100
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
5
10
20
50
100
35
30
25
20
15
10
5
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
50
10


Similar Part No. - FSM11PT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL Datasheet
76Kb / 3P
   1.0 Amp Super Fast Recovery Rectifier 50 to 800 Volts
FSM11PL MCC-FSM11PL Datasheet
176Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FSM11PL SUNMATE-FSM11PL Datasheet
310Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL Datasheet
168Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Nanjing International G...
FSM11PL DGNJDZ-FSM11PL Datasheet
302Kb / 2P
   1.0 Amp Fast Recover Rectifier
More results

Similar Description - FSM11PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
FBM31PT CHENMKO-FBM31PT Datasheet
101Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
GOOD-ARK Electronics
BY396 GOOD-ARK-BY396 Datasheet
48Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
NTE Electronics
NTE625 NTE-NTE625 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery
logo
GOOD-ARK Electronics
BY296 GOOD-ARK-BY296 Datasheet
48Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FS1A WINNERJOIN-FS1A Datasheet
221Kb / 2P
   Fast Recovery Silicon Rectifier
logo
Chenmko Enterprise Co. ...
FBM21PT CHENMKO-FBM21PT Datasheet
103Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FBM11PT CHENMKO-FBM11PT Datasheet
194Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FPL11PT CHENMKO-FPL11PT Datasheet
144Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FSM21PT CHENMKO-FSM21PT Datasheet
85Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FSM157PT CHENMKO-FSM157PT Datasheet
85Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com