Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM15PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # FSM15PT
Description  FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

FSM15PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  FSM15PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. FSM15PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low leakage current
* Ideal for surface mounted applications
* Metallurgically bonded construction
* Fast recovery times for high efficiency
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SMA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Weight: 0.002 ounces, 0.064 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
FSM11PT
THRU
FSM17PT
SMA
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT GLASS PASSIVATED
FAST RECOVERY SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
Maximum Full Load Reverse Current Average,
Full Cycle at TA = 55
oC
CHARACTERISTICS
SYMBOL
UNITS
1.3
5.0
150
250
500
uAmps
100
uAmps
nSec
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA = 25
oC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TL = 110
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Maximum Thermal Resistance
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
R JA
VF
Maximum Reverse Recovery Time (Note 4)
trr
IR
TJ, TSTG
IFSM
FSM11PT
50
Volts
Volts
Volts
Amps
35
50
FSM13PT
200
140
200
FSM14PT
280
400
400
FSM15PT
600
420
600
FSM16PT
800
560
800
FSM17PT
1000
700
1000
1.0
30
15
30
75
-65 to +150
Amps
pF
oC / W
oC / W
oC
100
70
100
R JL
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance Junction to terminal 6.0 mm
2 copper pads to each terminal
3. Thermal Resistance Junction to ambient 6.0 mm
2 copper pads to each terminal
4. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
(Note 2)
(Note 3)
2002-5
FSM12PT
UNITS
FSM12PT
FSM11PT
FSM13PT FSM14PT FSM15PT FSM16PT FSM17PT
(1)
(2)
SMA
Dimensions in inches and (millimeters)
0.110(2.80)
0.094(2.40)
0.090(2.30)
0.075(1.90)
0.060(1.52)
0.030(0.76)
0.012(0.310)
0.006(0.150)
0.181(4.60)
0.165(4.20)
0.065(1.65)
0.049(1.25)
0.212(5.40)
0.189(4.80)
0.008 (0.203)(max)


Similar Part No. - FSM15PT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM15PL MCC-FSM15PL Datasheet
76Kb / 3P
   1.0 Amp Super Fast Recovery Rectifier 50 to 800 Volts
FSM15PL MCC-FSM15PL Datasheet
176Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FSM15PL SUNMATE-FSM15PL Datasheet
310Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Micro Commercial Compon...
FSM15PL MCC-FSM15PL Datasheet
168Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Nanjing International G...
FSM15PL DGNJDZ-FSM15PL Datasheet
302Kb / 2P
   1.0 Amp Fast Recover Rectifier
More results

Similar Description - FSM15PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
FBM31PT CHENMKO-FBM31PT Datasheet
101Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
GOOD-ARK Electronics
BY396 GOOD-ARK-BY396 Datasheet
48Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
NTE Electronics
NTE625 NTE-NTE625 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery
logo
GOOD-ARK Electronics
BY296 GOOD-ARK-BY296 Datasheet
48Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FS1A WINNERJOIN-FS1A Datasheet
221Kb / 2P
   Fast Recovery Silicon Rectifier
logo
Chenmko Enterprise Co. ...
FBM21PT CHENMKO-FBM21PT Datasheet
103Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FBM11PT CHENMKO-FBM11PT Datasheet
194Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FPL11PT CHENMKO-FPL11PT Datasheet
144Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FSM21PT CHENMKO-FSM21PT Datasheet
85Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FSM157PT CHENMKO-FSM157PT Datasheet
85Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com