Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78036-2001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 78036-2001
Description  Projector Lamp Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

78036-2001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  78036-2001 Datasheet HTML 1Page - Molex Electronics Ltd. 78036-2001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
FEATURES AND SPECIFICATIONS
13.00mm (.512”) Pitch
Projector Lamp Connector
78166 –Plug Housing
78037 – Plug Terminal
78165 – Receptacle Housing
78036 – Receptacle Terminal
Molex offers the Projector Lamp Connector for DLP* Projector Markets
DLP® technology is a revolutionary display solution that uses an optical
semiconductor to manipulate light digitally. It is a highly reliable, all-digital
display chip that delivers high picture quality across a broad range of
products. With this DLP technology, due to its smaller physical size, the
over size of projector is reduced. This makes the projector smaller and lighter
thus making it more portable.
Molex has developed a compact Lamp connector to support the interconnect
solution for power-to-lamp transmission for the DLP Projector. The Lamp
connector is designed with a high voltage that is capable of handling DC
voltage of up to 20kV(peak) and operating temperature of -20oC to 150oC.
Molex lamp connector is RoHS, UL, TUV, CSA and SGS compliant. It has the
capability to inter-mate with competitor’s version of lamp connector.
Features
Benefits
High-temperature PPS housing
Able to operate at high temperature
High dielectric withstanding voltage
capable to handle an DC voltage of up to 20KV
(peak)
Design with housing ears
Provision for screw mount or latch mount to
withstand vibration
Options of insulation crimp on the wire
Options of either Di-electric strength or better
retention force
Lead-free products
RoHS Compliant
Certification
Compliant to UL, TUV, CSA, SGS standards
Reference Information
Packaging:
Bag- Housing
Reel- Terminal
UL File No.: TBA
CSA File No.: TBA
Mates With: See Table
Use With : See Table
Designed In: Millimeters
Electrical
Voltage: 250 Volt AC(RMS)
Current: 10 Amp (max.)
Contact Resistance: 20 milliohms max
Dielectric Withstanding Voltage: 20KV DC for 1 minute
Insulation Resistance: 1000 milliohms min.
Mechanical
Contact Retention to Housing: 4 kgf
Mating Force: 4 kgf max.
Unmating Force: 0.6 to 2 kgf
Durability: 250 cycles
Physical
Housing: PPS, 94V-0, Black
Contact: Copper Alloy
Plating:
Contact Area — Tin plating
Underplating — Nickel
Wire Range: 18 to 22 AWG
Operating Temperature: - -20oC to 150oC.


Similar Part No. - 78036-2001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78036-2001 MOLEX9-78036-2001 Datasheet
218Kb / 5P
   Projector Lamp Receptacle Terminal, 0.90關m (35.4關) Tin (Sn) Plated, Bent Wing Type, Lead free
More results

Similar Description - 78036-2001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-639114100 MOLEX-ATS-639114100 Datasheet
242Kb / 5P
   T2 Terminator for Projector Lamp Plug and Receptacle Terminal
07-28-09
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
   DLP Projector
PT-LX271 PANASONIC-PT-LX271 Datasheet
1Mb / 11P
   DLP??Projector
logo
Molex Electronics Ltd.
0781961001 MOLEX9-0781961001 Datasheet
99Kb / 2P
   5.40mm (.213) Pitch Projector Lamp Receptacle Housing, 2 Circuits, Leadfree
logo
Panasonic Semiconductor
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-RW930 PANASONIC-PT-RW930 Datasheet
2Mb / 20P
   DLP Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com