Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPL31PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # HPL31PT
Description  HIGH EFFICIENCY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HPL31PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  HPL31PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HPL31PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HPL31PT
THRU
HPL38PT
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 3.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
CHARACTERISTICS
SYMBOL
UNITS
1.0
1.3
1.7
1.5
5.0
@ TA = 25
oC
50
70
uAmps
500
uAmps
nSec
Volts
Maximum Instantaneous Forward Voltage at 3.0 A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TL = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
Maximum Reverse Recovery Time (Note 2)
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
HPL31PT
50
35
50
HPL33PT
200
140
200
HPL34PT
210
300
300
HPL35PT
400
280
400
HPL36PT
600
420
600
HPL38PT
1000
700
1000
HPL37PT
800
560
800
3.0
100
70
50
-65 to +150
Amps
pF
oC
HPL32PT
100
70
100
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
@ TA = 100
oC
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER
2004-7
* Low forward voltage, high current capability
* Low leakage current
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
PROVISIONAL SPEC.
SMP
3
2
1
FEATURE
CIRCUIT
*Sm al l S u r f ac e M o u n t i n g T y p e. (SMP)
Di m ens i ons i n inches and (m ill i m eter s)
SMP
0.005 (0.15 Min.)
0.077 (1.95)
0.073 (1.85)
0.045 (1.16)
0.042 (1.07)
0.081 (2.05)
0.077 (1.95)
0.212 (5.38)
0.208 (5.29)
0.264 (6.70)
0.254 (6.46)
0.055 (1.40)
0.051 (1.30)
0.170 (4.31)
0.163 (4.15)
(1)
(2)
(3)
0.019 (0.50 Min.)
0.019 (0.50 Min.)
HPL31PT
HPL33PT HPL34PT HPL35PT HPL36PT
HPL38PT
HPL37PT
HPL32PT


Similar Part No. - HPL31PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL00121031MP ETC2-HPL00121031MP Datasheet
396Kb / 5P
   High Life Cycle, High Temperature Capability
HPL00121031RD ETC2-HPL00121031RD Datasheet
396Kb / 5P
   High Life Cycle, High Temperature Capability
HPL00121031RH ETC2-HPL00121031RH Datasheet
396Kb / 5P
   High Life Cycle, High Temperature Capability
HPL00121031RL ETC2-HPL00121031RL Datasheet
396Kb / 5P
   High Life Cycle, High Temperature Capability
HPL00121031ST ETC2-HPL00121031ST Datasheet
396Kb / 5P
   High Life Cycle, High Temperature Capability
More results

Similar Description - HPL31PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
UPL11PT CHENMKO-UPL11PT Datasheet
166Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11SPT CHENMKO-HSM11SPT Datasheet
111Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL41CTPT CHENMKO-HPL41CTPT Datasheet
177Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM31PT CHENMKO-HBM31PT Datasheet
105Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21PT CHENMKO-HPL21PT Datasheet
151Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM21PT CHENMKO-HSM21PT Datasheet
87Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21CTPT CHENMKO-HPL21CTPT Datasheet
184Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11PT CHENMKO-HSM11PT Datasheet
88Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com